Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3405 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM3405
Descripción Electrónicos  Constant Current Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405 Datasheet(HTML) 4 Page - Texas Instruments

  LM3405_13 Datasheet HTML 1Page - Texas Instruments LM3405_13 Datasheet HTML 2Page - Texas Instruments LM3405_13 Datasheet HTML 3Page - Texas Instruments LM3405_13 Datasheet HTML 4Page - Texas Instruments LM3405_13 Datasheet HTML 5Page - Texas Instruments LM3405_13 Datasheet HTML 6Page - Texas Instruments LM3405_13 Datasheet HTML 7Page - Texas Instruments LM3405_13 Datasheet HTML 8Page - Texas Instruments LM3405_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM3405
SNVS429B – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 12V, VBOOST - VSW = 5V and TA = 25°C.
Efficiency vs LED Current
Efficiency vs Input Voltage (IF = 1A)
Figure 3.
Figure 4.
Efficiency vs Input Voltage (IF = 0.7A)
Efficiency vs Input Voltage (IF = 0.35A)
Figure 5.
Figure 6.
VFB vs Temperature
Oscillator Frequency vs Temperature
Figure 7.
Figure 8.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3405


Número de pieza similar - LM3405_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
   LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LM34058ABRG LIGHTKEY-LM34058ABRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058ARG LIGHTKEY-LM34058ARG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058AURUG LIGHTKEY-LM34058AURUG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM34058BRG LIGHTKEY-LM34058BRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
More results

Descripción similar - LM3405_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Taiwan Memory Technolog...
T6335A TMT-T6335A Datasheet
41Kb / 4P
   Constant Current Regulator
logo
Guangdong Kexin Industr...
T6335A KEXIN-T6335A Datasheet
138Kb / 2P
   Constant Current Regulator
logo
American Bright OPTOELE...
AB-EZDC AMERICANBRIGHT-AB-EZDC Datasheet
197Kb / 5P
   Constant Current regulator
logo
ON Semiconductor
NSIC2020BT3G ONSEMI-NSIC2020BT3G Datasheet
176Kb / 9P
   Constant Current Regulator
June, 2012 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com