Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317LCPWRE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317LCPWRE4
Descripción Electrónicos  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPWRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317LCPWRE4 Datasheet HTML 2Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 3Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 4Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 5Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 6Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 7Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 8Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 9Page - Texas Instruments LM317LCPWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
+
Over Temp &
Over Current
Protection
Input
Adj.
Output
1.25V
Iadj
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM317L device is a 100-mA linear regulator with high voltage tolerance up to 35 V. The device has a
feedback voltage that is relative to the output instead of ground. This ungrounded design allows the LM317L
device to have superior line and load regulation. This design also allows the LM317L device to be used as a
current source or current sink using a single resistor. Any output voltage from 1.25 to 32 V can be obtained by
using two resistors. The bias current of the device, up to 2.5 mA, flows to the output; this current must be used
by the load or the feedback resistors. The power dissipation is the product of pass-element voltage and current,
which is calculated as shown in Equation 1.
PD = (VIN – VOUT) × IOUT
(1)
The application heat sink must be able to absorb the power calculated in Equation 1.
In addition to higher performance than fixed regulators, this regulator offers full overload protection, available
only in integrated circuits. Included on the chip are current-limiting and thermal-overload protection. All overload-
protection circuitry remains fully functional even when ADJUSTMENT is disconnected. Normally, no capacitors
are needed unless the device is situated far from the input filter capacitors, in which case an input bypass is
needed. An optional output capacitor can be added to improve transient response. ADJUSTMENT can be
bypassed to achieve very high ripple rejection, which is difficult to achieve with standard three-terminal
regulators.
In addition to replacing fixed regulators, the LM317L regulator is useful in a wide variety of other applications.
Since the regulator is floating and sees only the input-to-output differential voltage, supplies of several hundred
volts can be regulated as long as the maximum input-to-output differential is not exceeded. Its primary
application is that of a programmable output regulator, but by connecting a fixed resistor between ADJUSTMENT
and OUTPUT, this device can be used as a precision current regulator. Supplies with electronic shutdown can be
achieved by clamping ADJUSTMENT to ground, programming the output to 1.25 V, where most loads draw little
current.
The LM317LC device is characterized for operation over the virtual junction temperature range of 0°C to 125°C.
The LM317LI device is characterized for operation over the virtual junction temperature range of –40°C to 125°C.
8.2 Functional Block Diagram
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L


Número de pieza similar - LM317LCPWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317LCPWR TI-LM317LCPWR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPWR TI1-LM317LCPWR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Descripción similar - LM317LCPWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com