Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMP6401-10 Datasheet(PDF) 3 Page - Astrodyne Corporation

No. de pieza AMP6401-10
Descripción Electrónicos  63W 3rd Edition Medical Grade Desktop Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP6401-10 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AMP6401-10 Datasheet HTML 1Page - Astrodyne Corporation AMP6401-10 Datasheet HTML 2Page - Astrodyne Corporation AMP6401-10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
63W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6401 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
DC Output Connections
DIN (Multi-Output Models)
1
2
3
4
5
5 Pin DIN
1. COM
2. COM
3. Output
4. COM
5. Output
SHIELD = GND
AMP6401-02~03 Output Cord Length 48”, 16AWG, 5 Pin Connector Min.
AMP6401-04~07 Output Cord Length 48”, 16AWG, 2 Pin Connector Min.
AMP6401-08~110 Output Cord Length 72”, 18AWG, 2 Pin Connector Min.
These dimensions are required to meet published Regulation and
Efficiency specifications as well as LPS Efficiency levels. Modifying
these cables will potentially change and/or waive said specifications and
Efficiency levels.
0315


Número de pieza similar - AMP6401-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
AMP6301-02 ASTRODYNE-AMP6301-02 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
AMP6301-03 ASTRODYNE-AMP6301-03 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
AMP6301-04 ASTRODYNE-AMP6301-04 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
AMP6301-05 ASTRODYNE-AMP6301-05 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
More results

Descripción similar - AMP6401-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com