Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM339DRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM339DRE4
Descripción Electrónicos  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM339DRE4 Datasheet(HTML) 3 Page - Texas Instruments

  LM339DRE4 Datasheet HTML 1Page - Texas Instruments LM339DRE4 Datasheet HTML 2Page - Texas Instruments LM339DRE4 Datasheet HTML 3Page - Texas Instruments LM339DRE4 Datasheet HTML 4Page - Texas Instruments LM339DRE4 Datasheet HTML 5Page - Texas Instruments LM339DRE4 Datasheet HTML 6Page - Texas Instruments LM339DRE4 Datasheet HTML 7Page - Texas Instruments LM339DRE4 Datasheet HTML 8Page - Texas Instruments LM339DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
J, D and NFF Package
14-Pin CDIP, SOIC, PDIP
Top View
14-Pin CLGA Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUTPUT2
O
Output, Channel 2
2
OUTPUT1
O
Output, Channel 1
3
V+
P
Positive Supply
4
INPUT1-
I
Inverting Input, Channel 1
5
INPUT1+
I
Noninverting Input, Channel 1
6
INPUT2-
I
Inverting Input, Channel 2
7
INPUT2+
I
Noninverting Input, Channel 2
8
INPUT3-
I
Inverting Input, Channel 3
9
INPUT3+
I
Noninverting Input, Channel 3
10
INPUT4-
I
Inverting Input, Channel 4
11
INPUT4+
I
Noninverting Input, Channel 4
12
GND
P
Ground
13
OUTPUT4
O
Output, Channel 4
14
OUTPUT3
O
Output, Channel 3
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Número de pieza similar - LM339DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM339DRE4 TI-LM339DRE4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI-LM339DRE4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI1-LM339DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI-LM339DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI1-LM339DRE4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

Descripción similar - LM339DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com