Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS443KUA Datasheet(PDF) 6 Page - SEC Electronics Inc.

No. de pieza SS443KUA
Descripción Electrónicos  Unipolar Hall-Effect Digital Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECELECTRONICS [SEC Electronics Inc.]
Página de inicio  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443KUA Datasheet(HTML) 6 Page - SEC Electronics Inc.

  SS443KUA Datasheet HTML 1Page - SEC Electronics Inc. SS443KUA Datasheet HTML 2Page - SEC Electronics Inc. SS443KUA Datasheet HTML 3Page - SEC Electronics Inc. SS443KUA Datasheet HTML 4Page - SEC Electronics Inc. SS443KUA Datasheet HTML 5Page - SEC Electronics Inc. SS443KUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
6
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS443ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/ bag
SS443KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/ bag
SS443LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/ bag
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;


Número de pieza similar - SS443KUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
Honeywell Solid State E...
SS443A HONEYWELL-SS443A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS443A HONEYWELL-SS443A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
More results

Descripción similar - SS443KUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com