Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3421-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3421-Q1
Descripción Electrónicos  N-Channel Controllers for Constant-Current LED Drivers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3421-Q1 Datasheet HTML 5Page - Texas Instruments LM3421-Q1 Datasheet HTML 6Page - Texas Instruments LM3421-Q1 Datasheet HTML 7Page - Texas Instruments LM3421-Q1 Datasheet HTML 8Page - Texas Instruments LM3421-Q1 Datasheet HTML 9Page - Texas Instruments LM3421-Q1 Datasheet HTML 10Page - Texas Instruments LM3421-Q1 Datasheet HTML 11Page - Texas Instruments LM3421-Q1 Datasheet HTML 12Page - Texas Instruments LM3421-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
6.6 Typical Characteristics
TA= 25°C and VIN = 14 V unless otherwise specified
Figure 1. Boost Efficiency vs. Input Voltage
Figure 2. Buck-Boost Efficiency vs. Input Voltage
VO = 32V (9 LEDs)
VO = 21V (6 LEDs)
Figure 4. Buck-Boost LED Current vs. Input Voltage
Figure 3. Boost LED Current vs. Input Voltage
VO = 21V (6 LEDs)
VO = 32V (9 LEDs)
Figure 5. Analog Dimming
Figure 6. PWM Dimming
VO = 21 V (6 LEDs); VIN = 24 V
VO = 32 V (9 LEDs); VIN = 24 V
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Número de pieza similar - LM3421-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
6Mb / 20P
   LM3421 SEPIC LED Driver Evaluation Board for Automotive Applications
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
More results

Descripción similar - LM3421-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com