Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34925 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM34925
Descripción Electrónicos  Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 Datasheet(HTML) 1 Page - Texas Instruments

  LM34925 Datasheet HTML 1Page - Texas Instruments LM34925 Datasheet HTML 2Page - Texas Instruments LM34925 Datasheet HTML 3Page - Texas Instruments LM34925 Datasheet HTML 4Page - Texas Instruments LM34925 Datasheet HTML 5Page - Texas Instruments LM34925 Datasheet HTML 6Page - Texas Instruments LM34925 Datasheet HTML 7Page - Texas Instruments LM34925 Datasheet HTML 8Page - Texas Instruments LM34925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
+
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
UVLO
VIN
VOUT1
VOUT2
RFB1
RUV1
RON
COUT1
CBST
D1
CIN
COUT2
RFB2
RUV2
X1
Rr
NP
NS
LM34925
CVCC
+
D2
7.5V-100V
1
2
3
4
5
6
8
7
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM34925
SNVS846F – JUNE 2012 – REVISED NOVEMBER 2014
LM34925 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
1 Features
3 Description
The LM34925 regulator features all of the functions
1
Wide 7.5-V to 100-V Input Range
needed to implement a low cost, efficient, isolated
Integrated 100-mA High-Side,
bias regulator. This high voltage regulator contains
and Low-Side Switches
two 100-V N-Channel MOSFET switches: a high-side
No Schottky Required
buck switch and a low-side synchronous switch. The
constant-on-time (COT) control scheme employed in
Constant On-Time Control
the LM34925 device requires no loop compensation
No Loop Compensation Required
and
provides
excellent
transient
response.
The
Ultra-Fast Transient Response
regulator operates with an on-time that is inversely
proportional to the input voltage. This feature allows
Nearly Constant Operating Frequency
the operating frequency to remain relatively constant.
Intelligent Peak Current Limit
An intelligent peak current limit is implemented with
Adjustable Output Voltage From 1.225 V
integrated sense circuit. Other features include a
Precision 2% Feedback Reference
programmable input under voltage comparator to
inhibit
operation
during
low-voltage
conditions.
Frequency Adjustable to 1 MHz
Protection features include thermal shutdown and
Adjustable Undervoltage Lockout (UVLO)
VCC Undervoltage Lockout (UVLO). The LM34925
Remote Shutdown
device
is
offered
in
8-pin
WSON
and
8-pin SO PowerPAD plastic packages.
Thermal Shutdown
Packages:
Device Information(1)
8-Pin WSON
PART NUMBER
PACKAGE
BODY SIZE (NOM)
8-Pin SO PowerPAD™
SO PowerPAD (8)
4.89 mm × 3.90 mm
LM34925
WSON (8)
4.00 mm × 4.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Isolated Telecom Bias Supply
the end of the data sheet.
Isolated Automotive and Industrial Electronics
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM34925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results

Descripción similar - LM34925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com