Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3699YFQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3699YFQR
Descripción Electrónicos  High-Efficiency White LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3699YFQR Datasheet(HTML) 2 Page - Texas Instruments

  LM3699YFQR Datasheet HTML 1Page - Texas Instruments LM3699YFQR Datasheet HTML 2Page - Texas Instruments LM3699YFQR Datasheet HTML 3Page - Texas Instruments LM3699YFQR Datasheet HTML 4Page - Texas Instruments LM3699YFQR Datasheet HTML 5Page - Texas Instruments LM3699YFQR Datasheet HTML 6Page - Texas Instruments LM3699YFQR Datasheet HTML 7Page - Texas Instruments LM3699YFQR Datasheet HTML 8Page - Texas Instruments LM3699YFQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM3699
SNVS821A – JANUARY 2014 – REVISED MARCH 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 8
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 9
2
Applications ........................................................... 1
8
Application and Implementation ........................ 10
3
Description ............................................................. 1
8.1
Application Information............................................ 10
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 10
5
Terminal Configuration and Functions................ 3
9
Power Supply Recommendations ...................... 15
6
Specifications......................................................... 4
10
Layout................................................................... 16
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................ 16
6.2
Handling Ratings....................................................... 4
10.2
Layout Example .................................................... 18
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 19
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 19
6.5
Electrical Characteristics .......................................... 5
11.2
Trademarks ........................................................... 19
6.6
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 19
7
Detailed Description .............................................. 8
11.4
Glossary ................................................................ 19
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 19
4 Revision History
Changes from Original (January 2014) to Revision A
Page
Changed to new TI data sheet format: adding Handling Ratings table and Device and Documentation Support sections .. 1
Added new scope shot ........................................................................................................................................................ 14
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3699


Número de pieza similar - LM3699YFQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM369 NSC-LM369 Datasheet
262Kb / 14P
   Precision Voltage Reference
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
LM3691 TI1-LM3691 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3691TL-0.75 NSC-LM3691TL-0.75 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

Descripción similar - LM3699YFQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com