Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABTH16260 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABTH16260
Descripción Electrónicos  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH16260 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ABTH16260 Datasheet HTML 2Page - Texas Instruments SN74ABTH16260 Datasheet HTML 3Page - Texas Instruments SN74ABTH16260 Datasheet HTML 4Page - Texas Instruments SN74ABTH16260 Datasheet HTML 5Page - Texas Instruments SN74ABTH16260 Datasheet HTML 6Page - Texas Instruments SN74ABTH16260 Datasheet HTML 7Page - Texas Instruments SN74ABTH16260 Datasheet HTML 8Page - Texas Instruments SN74ABTH16260 Datasheet HTML 9Page - Texas Instruments SN74ABTH16260 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54ABT16260, SN74ABTH16260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS204C – JUNE 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C†
SN54ABT16260
SN74ABTH16260
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE1B, LE2B, LEA1B, or LEA2B high
3.3
3.3
3.3
ns
tsu
Setup time, data before LE1B, LE2B, LEA1B, or LEA2B
1.5
2
1.5
ns
th
Hold time, data after LE1B, LE2B, LEA1B, or LEA2B
1
1.5
1
ns
† These values apply only to the SN74ABTH16260.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16260
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
3.1
5.3
1
5.9
ns
tPHL
A or B
B or A
1
3.4
5.4
1
6.3
ns
tPLH
LE
AorB
1.1
3.2
5.4
1.1
6.6
ns
tPHL
LE
A or B
1.1
3.3
5.3
1.1
5.9
ns
tPLH
SEL (B1)
1.3
3.2
5.1
1.3
5.4
tPLH
SEL (B2)
A
1.1
3.4
5.4
1.1
6.3
ns
tPHL
SEL (B1)
A
1.5
3.1
4.6
1.5
5
ns
tPHL
SEL (B2)
1.6
3.6
5.3
1.6
6.2
tPZH
OE
AorB
1
3.3
5.6
1
6.4
ns
tPZL
OE
A or B
1.6
3.8
5.9
1.6
6.5
ns
tPHZ
OE
AorB
2.2
4.1
5.9
2.2
7.5
ns
tPLZ
OE
A or B
1.3
3.2
5
1.3
5.4
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABTH16260
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
3.1
4.8
1
5.6
ns
tPHL
A or B
B or A
1
3.4
5
1
5.9
ns
tPLH
LE
AorB
1.1
3.2
4.9
1.1
5.8
ns
tPHL
LE
A or B
1.1
3.3
4.9
1.1
5.3
ns
tPLH
SEL (B1)
1.3
3.2
4.6
1.3
5.3
tPLH
SEL (B2)
A
1.1
3.4
4.9
1.1
6
ns
tPHL
SEL (B1)
A
1.5
3.1
4.4
1.5
4.4
ns
tPHL
SEL (B2)
1.6
3.6
5.1
1.6
5.9
tPZH
OE
AorB
1
3.3
4.7
1
5.7
ns
tPZL
OE
A or B
1.6
3.8
5.1
1.6
5.8
ns
tPHZ
OE
AorB
2.2
4.1
5.4
2.2
6.4
ns
tPLZ
OE
A or B
1.3
3.2
4.4
1.3
4.8
ns


Número de pieza similar - SN74ABTH16260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABTH16260 TI-SN74ABTH16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABTH16260DL TI-SN74ABTH16260DL Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABTH16260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI1-SN74ALVCH16260_08 Datasheet
348Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com