Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2796 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2796
Descripción Electrónicos  LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2796 Datasheet(HTML) 4 Page - Texas Instruments

  LM2796 Datasheet HTML 1Page - Texas Instruments LM2796 Datasheet HTML 2Page - Texas Instruments LM2796 Datasheet HTML 3Page - Texas Instruments LM2796 Datasheet HTML 4Page - Texas Instruments LM2796 Datasheet HTML 5Page - Texas Instruments LM2796 Datasheet HTML 6Page - Texas Instruments LM2796 Datasheet HTML 7Page - Texas Instruments LM2796 Datasheet HTML 8Page - Texas Instruments LM2796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2796
SNVS273A – MAY 2004 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface and typical values apply for TJ = 25ºC. Limits in boldface type apply over the full operating
junction temperature range (-30°C
≤ TJ ≤ +85°C) . Unless otherwise specified: VIN = 3.6V; VDxx = 3.6V; V(EN) = 2.0V; Group A
and Group B LEDs not ON simultaneously
(3) (ENA = V
IN and ENB = GND, or ENA = GND and ENB = VIN); RSET = 8.35kΩ;
CIN, C1, C2, and CPOUT = 1µF
(4).
Symbol
Parameter
Condition
Min
Typ
Max
Units
3.0V
≤ VIN ≤ 4.2V, and VIN = 5.5V
13.8
16.2
mA
2.5V
≤ VDxx ≤ 3.8V;
15
(-8%)
(+8%)
(%)
RSET = 8.35kΩ
3.0V
≤ VIN ≤ 5.5V;
2.5V
≤ VDxx ≤ 3.6V;
20
mA
RSET = 6.25kΩ
3.0V
≤ VIN ≤ 5.5V;
IDxx
Output Current Regulation
2.5V
≤ VDxx ≤ 3.9V;
10
mA
RSET = 12.5kΩ
2.7V
≤ VIN ≤ 3.0V;
2.5V
≤ VDxx ≤ 3.3V;
15
mA
RSET = 8.35kΩ
ENA and ENB ON (all 7 IDX outputs active), VIN =
15
mA
3.0V, CIN = COUT = 2.2µF
Current Matching Between Any
IDxx-MATCH
Two Group A Outputs or Group B
VIN = 3.0V
(5)
1
%
Outputs
2.7V
≤ VIN ≤ 4.2V;
IQ
Quiescent Supply Current
No Load Current,
3.5
6
mA
EN = ON, ENA = ENB = OFF
ISD
Shutdown Supply Current
2.7V
≤ VIN ≤ 5.5V, EN = OFF
3
4.5
µA
VSET
ISET Pin Voltage
2.7V
≤ VIN ≤ 5.5V
1.25
V
Output Current to Current Set
IDxx/ISET
100
Ratio
Charge Pump Output
ROUT
VIN = 3.0V
2.7
Resistance(6)
IDxx = 95% X IDxx (nom)
RSET = 8.35kΩ
320
(IDxx (nom) ≈ 15mA)
Current Source Headroom Voltage
VHR
mV
Requirement(7)
IDxx = 95%X IDxx (nom)
RSET = 12.5kΩ
220
(IDxx (nom) ≈ 10mA)
fSW
Switching Frequency
3.0V
≤ VIN ≤ 4.2V
325
500
675
kHz
tSTART
Start-up Time
IDx = 90% steady state
100
µs
Charge pump gain cross-over:
1.5x to 1x Threshold
4.75
V
Gain = 1.5 when VIN is below
1.5x/1x
threshold. Gain = 1 when VIN is
1x to 1.5x Threshold
4.55
V
above threshold.
Logic Pin Specifications: EN, ENA, ENB
VIL
Input Logic Low
2.7V
≤ VIN ≤ 5.5V
0
0.5
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm.
(3)
If both LED groups are to be ON simultaneously, the maximum VDxx voltage may need to be derated, depending on minimum input
voltage conditions. Refer to the "MAXIMUM OUTPUT CURRENT, MAXIMUM LED VOLTAGE, MINIMUM INPUT VOLTAGE" section.
(4)
CIN, COUT, C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
(5)
For the two groups of outputs on a part (Group A and Group B), the following are determined: the maximum output current in the group
(MAX), the minimum output current in the group (MIN), and the average output current of the group (AVG). For each group, two
matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the
matching figure for the group. The matching figure for a given part is considered to be the highest matching figure of the two groups.
The typical specification provided is the most likely norm of the matching figure for all parts.
(6)
Output resistance (ROUT) models all voltage losses in the charge pump. ROUT can be used to estimate the voltage at the charge pump
output (POUT): VPout = (1.5 × VIN) – (ROUT × IOUT). In the equation, IOUT is the total output current: the sum of all active Dxx output
currents and all current drawn from POUT. The equation applies when the charge pump is operating with a gain of 3/2 (VIN ≤ 4.75V typ.).
(7)
Headroom voltage: VHR = VPout – VDxx . If headroom voltage requirement is not met, LED current regulation will be compromised.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2796


Número de pieza similar - LM2796

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961TL NSC-LM27961TL Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

Descripción similar - LM2796

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com