Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26480QSQX-8D/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM26480QSQX-8D/NOPB
Descripción Electrónicos  LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480QSQX-8D/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM26480QSQX-8D/NOPB Datasheet HTML 1Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 2Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 3Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 4Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 5Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 6Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 7Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 8Page - Texas Instruments LM26480QSQX-8D/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LM26480
LDO1_FB
VOUTLDO2
GND_L
VOUTLDO1
ENLDO1
LDO2_FB
VIN1
SW1
FB1
VINLDO2
SW2
FB2
VIN2
GND_SW2
10 µF
ENSW1
2.2 µH
ENSW2
GND_SW1
VINLDO1
SYNC
nPOR
ENLDO2
GND_C
AVDD
VINLDO12
R1
R2
0.47 µF
0.47 µF
1 µF
R2
R1
1 µF
10 µF
R2
C2
C1
R1
R1
10 µF
2.2 µH
10 µF
1 µF
R2
C1
C2
1 µF
100 k
Ÿ
DAP
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM26480-Q1
SNVSA58A – JANUARY 2015 – REVISED JUNE 2016
LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual
Linear Regulators
1
1 Features
1
Qualified for Automotive Applications
AEC Q100-Qualified With the Following Results
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Input Voltage: 2.8 V to 5.5 V
Compatible with Advanced Applications
Processors and FPGAs
Two LDOs for Powering Internal Processor
Functions and I/Os
Precision Internal Reference
Thermal Overload Protection
Current Overload Protection
External Power-On-Reset Function for Buck1 and
Buck2
Undervoltage Lockout Detector to Monitor Input
Supply Voltage
Step-Down DC-DC Converter (Buck)
1.5-A Output Current
VOUT from:
Buck1 : 0.8 V to 2 V at 1.5 A
Buck2 : 1 V to 3.3 V at 1.5 A
Up to 96% efficiency
±3% FB Voltage Accuracy
2-MHz PWM Switching Frequency
PWM-to-PFM Automatic Mode Change Under
Low Loads
Automatic Soft Start
Linear Regulators (LDO)
VOUT of 1 V to 3.5 V
±3% FB Voltage Accuracy
300-mA Output Current
25-mV (Typical) Dropout
2 Applications
Core Digital Power
Applications Processors
Peripheral I/O Power
3 Description
The
LM26480-Q1
is
a
multi-functional
power
management unit (PMU), optimized for low-power
digital applications. This device integrates two highly
efficient 1.5-A step-down DC-DC converters and two
300-mA linear regulators.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM26480-Q1
WQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
space
Simplified Schematic


Número de pieza similar - LM26480QSQX-8D/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26480QSQX-8D/NOPB TI1-LM26480QSQX-8D/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Descripción similar - LM26480QSQX-8D/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com