Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT16843DLR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74ABT16843DLR
Descripción Electrónicos  18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT16843DLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ABT16843DLR Datasheet HTML 2Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 3Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 4Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 5Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 6Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 7Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 8Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 9Page - Texas Instruments SN74ABT16843DLR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN54ABT16843, SN74ABT16843
18-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS223E – OCTOBER 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16843
SN74ABT16843
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
CLR low
3.3
3.3
3.3
tw
Pulse duration
PRE low
3.3
3.3
3.3
ns
LE high
3.3
3.3
3.3
t
Setup time data before LE
High
0.9
0.9
0.9
ns
tsu
Setup time, data before LE
Low
0.6
0.6
0.6
ns
th
Hold time data after LE
High
1.7
1.7
1.7
ns
th
Hold time, data after LE
Low
1.8
1.8
1.8
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16843
SN74ABT16843
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
1.6
3.1
4.2
1.6
5.1
1.6
4.8
ns
tPHL
D
Q
1.6
3.2
4.2
1.6
5
1.6
4.8
ns
tPLH
LE
Q
2.3
4
5
2.3
6.3
2.3
5.9
ns
tPHL
LE
Q
2.5
3.9
4.8
2.5
5.6
2.5
5.3
ns
tPLH
PRE
Q
2.1
4
5.1
2.1
6.3
2.1
6.1
ns
tPHL
PRE
Q
2.2
3.7
4.6
2.2
5.3
2.2
5
ns
tPLH
CLR
Q
1.9
3.7
4.8
1.9
5.7
1.9
5.4
ns
tPHL
CLR
Q
2.2
4.2
5.3
2.2
6.1
2.2
6
ns
tPZH
OE
Q
1.6
3.3
4.3
1.6
5.5
1.6
5.4
ns
tPZL
OE
Q
2
3.2
4.6
2
5.9
2
5.8
ns
tPHZ
OE
Q
1.7
4
5.5
1.7
6.4
1.7
6.3
ns
tPLZ
OE
Q
1.7
3.7
4.4
1.7
5.3
1.7
5.2
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Número de pieza similar - SN74ABT16843DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT16843DL TI-SN74ABT16843DL Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABT16843DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843 Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com