Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABTH162245DGVRE4 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 74ABTH162245DGVRE4
Descripción Electrónicos  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ABTH162245DGVRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74ABTH162245DGVRE4 Datasheet HTML 1Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 2Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54ABTH162245, SN74ABTH162245
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS712A – FEBRUARY 1998 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ABTH162245
SN74ABTH162245
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
IOH
High level output current
B port
–24
–32
mA
IOH
High-level output current
A port
–12
–12
mA
IOL
Low level output current
B port
48
64
mA
IOL
Low-level output current
A port
12
12
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Número de pieza similar - 74ABTH162245DGVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABTH162245A PHILIPS-74ABTH162245A Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245A NEXPERIA-74ABTH162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADGG PHILIPS-74ABTH162245ADGG Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245ADGG NEXPERIA-74ABTH162245ADGG Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADL PHILIPS-74ABTH162245ADL Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results

Descripción similar - 74ABTH162245DGVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com