Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA78L05AIDRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UA78L05AIDRE4
Descripción Electrónicos  POSITIVE-VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UA78L05AIDRE4 Datasheet(HTML) 1 Page - Texas Instruments

  UA78L05AIDRE4 Datasheet HTML 1Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 2Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 3Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 4Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 5Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 6Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 7Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 8Page - Texas Instruments UA78L05AIDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PK PACKAGE
(TOP VIEW)
INPUT
COMMON
OUTPUT
LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
NC – No internal connection
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
μA78L00 Series Positive-Voltage Regulators
Check for Samples:
μA78L00
1
FEATURES
DESCRIPTION
This series of fixed-voltage integrated-circuit voltage
3-Terminal Regulators
regulators
is
designed
for
a
wide
range
of
Output Current up to 100 mA
applications.
These
applications
include
on-card
No External Components
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
Internal Thermal-Overload Protection
addition, they can be used with power-pass elements
Internal Short-Circuit Current Limiting
to make high-current voltage regulators. One of these
regulators can deliver up to 100 mA of output current.
The internal limiting and thermal-shutdown features of
these regulators essentially make them immune to
overload. When used as a replacement for a Zener
diode-resistor combination, an effective improvement
in output impedance can be obtained, together with
lower bias current.
The
μA78L00C and μA78L00AC series devices are
characterized for operation over the virtual junction
temperature range of 0°C to 125°C. The
μA78L05AI
device is characterized for operation over the virtual
junction temperature range of
−40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - UA78L05AIDRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA78L05AIDRE4 TI-UA78L05AIDRE4 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRE4 TI-UA78L05AIDRE4 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L05AIDRE4 TI-UA78L05AIDRE4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRE4 TI-UA78L05AIDRE4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRE4 TI-UA78L05AIDRE4 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Descripción similar - UA78L05AIDRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com