Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHCT86NE4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74AHCT86NE4
Descripción Electrónicos  Quadruple 2-Input Exclusive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT86NE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT86NE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 9Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 10Page - Texas Instruments SN74AHCT86NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH − 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN54AHCT86, SN74AHCT86
www.ti.com
SCLS250N – OCTOBER 1995 – REVISED AUGUST 2014
8 Parameter Measurement Information
Figure 2. Load Circuit and Voltage Waveforms
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHCT86 SN74AHCT86


Número de pieza similar - SN74AHCT86NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT86NE4 TI-SN74AHCT86NE4 Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Descripción similar - SN74AHCT86NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com