Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1-200P-85-1.6 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza G1-200P-85-1.6
Descripción Electrónicos  Processor Series Low Power Integrated x86 Solution
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

G1-200P-85-1.6 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button G1-200P-85-1.6 Datasheet HTML 6Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 7Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 8Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 9Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 10Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 11Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 12Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 13Page - National Semiconductor (TI) G1-200P-85-1.6 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 247 page
background image
www.national.com
10
Revision 1.0
1.0
Architecture Overview
The Geode GX1 processor series represents the sixth gen-
eration of x86-compatible 32-bit processors with sixth-gen-
eration features. The decoupled load/store unit allows
reordering of load/store traffic to achieve higher perfor-
mance. Other features include single-cycle execution, sin-
gle-cycle instruction decode, 16 KB write-back cache, and
clock rates up to 300 MHz. These features are made possi-
ble by the use of advanced-process technologies and pipe-
lining.
The GX1 processor has low power consumption at all clock
frequencies. Where additional power savings are required,
designers can make use of Suspend Mode, Stop Clock
capability, and System Management Mode (SMM).
The GX1 processor is divided into major functional blocks
(as shown in Figure 1-1):
• Integer Unit
• Floating Point Unit (FPU)
• Write-Back Cache Unit
• Memory Management Unit (MMU)
• Internal Bus Interface Unit
• Integrated Functions
Instructions are executed in the integer unit and in the float-
ing point unit. The cache unit stores the most recently used
data and instructions and provides fast access to this infor-
mation for the integer and floating point units.
Figure 1-1. Internal Block Diagram
Write-Back
Unit
FPU
Internal Bus Interface Unit
Graphics
Memory
Display
PCI
SDRAM Port
CS5530
PCI Bus
Integer
Cache Unit
Integrated
Functions
MMU
(CRT/LCD TFT)
X-Bus
Pipeline
Controller
Controller
Controller
C-Bus


Descripción similar - G1-200P-85-1.6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
GXM NSC-GXM Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
GXLV NSC-GXLV Datasheet
4Mb / 247P
   Geode??GXLV Processor Series Low Power Integrated x86 Solutions
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
   Vortex86DX processor at 600MHz x86 compatibility
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Motorola, Inc
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Lumileds Lighting Compa...
DS147 LUMILEDS-DS147 Datasheet
1Mb / 16P
   Low power solution
logo
Analog Devices
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
   Integrated Power Solution with Quad Low Noise Buck Regulators
Rev. A
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Generalplus Technology ...
GP327902B GENERALPLUS-GP327902B Datasheet
704Kb / 17P
   Advanced Multimedia Processor Solution
GPL32702B GENERALPLUS-GPL32702B Datasheet
601Kb / 6P
   Advanced Multimedia Processor Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com