Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4780TABD Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM4780TABD
Descripción Electrónicos  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4780TABD Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4780TABD Datasheet HTML 7Page - Texas Instruments LM4780TABD Datasheet HTML 8Page - Texas Instruments LM4780TABD Datasheet HTML 9Page - Texas Instruments LM4780TABD Datasheet HTML 10Page - Texas Instruments LM4780TABD Datasheet HTML 11Page - Texas Instruments LM4780TABD Datasheet HTML 12Page - Texas Instruments LM4780TABD Datasheet HTML 13Page - Texas Instruments LM4780TABD Datasheet HTML 14Page - Texas Instruments LM4780TABD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM4780, LM4780TABD
www.ti.com
SNAS193B – JULY 2003 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Output Power/Channel vs Supply Voltage
Output Power/Channel vs Supply Voltage
f = 1kHz, RL = 4Ω, 80kHz BW
f = 1kHz, RL = 6Ω, 80kHzBW
Figure 13.
Figure 14.
Output Power/Channel vs Supply Voltage
Total Power Dissipation vs Output Power/Channel
f = 1kHz, RL = 8Ω, 80kHz BW
1% THD (max), RL = 4Ω, 80kHz BW
Figure 15.
Figure 16.
Total Power Dissipation vs Output Power/Channel
Total Power Dissipation vs Output Power/Channel
1% THD (max), RL = 6Ω, 80kHz BW
1% THD (max), RL = 8Ω, 80kHz BW
Figure 17.
Figure 18.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4780 LM4780TABD


Número de pieza similar - LM4780TABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4780TA NSC-LM4780TA Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
More results

Descripción similar - LM4780TABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
   1.25W Mono Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
   3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com