Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4781TABD Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM4781TABD
Descripción Electrónicos  Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4781TABD Datasheet(HTML) 4 Page - Texas Instruments

  LM4781TABD Datasheet HTML 1Page - Texas Instruments LM4781TABD Datasheet HTML 2Page - Texas Instruments LM4781TABD Datasheet HTML 3Page - Texas Instruments LM4781TABD Datasheet HTML 4Page - Texas Instruments LM4781TABD Datasheet HTML 5Page - Texas Instruments LM4781TABD Datasheet HTML 6Page - Texas Instruments LM4781TABD Datasheet HTML 7Page - Texas Instruments LM4781TABD Datasheet HTML 8Page - Texas Instruments LM4781TABD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM4781, LM4781TABD
SNAS208A – AUGUST 2003 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (2)
The following specifications apply for V
+ = +28V, V- = −28V, I
MUTE = -1mA/channel and RL = 8Ω unless otherwise specified.
Limits apply for TA = 25°C.
LM4781
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
20
V (min)
|V+| + |V-|
Power Supply Voltage(6)
GND
− V- ≥ 9V
18
70
V (max)
AM
Mute Attenuation
IMUTE = 0mA
110
80
dB (min)
THD+N = 0.5% (max)
f = 1kHz
PO
Output Power (RMS)
|V+| = |V-| = 20V, RL = 4Ω
25
20
W (min)
|V+| = |V-| = 24V, RL = 6Ω
30
25
W (min)
|V+| = |V-| = 28V, RL = 8Ω
35
30
W (min)
PO = 20W, f = 20Hz - 20kHz
AV = 26dB
Total Harmonic Distortion +
THD+N
|V+| = |V-| = 20V, RL = 4Ω
0.5
%
Noise
|V+| = |V-| = 24V, RL = 6Ω
0.3
%
|V+| = |V-| = 28V, RL = 8Ω
0.2
%
PO = 10W, f = 1kHz
70
dB
Xtalk
Channel Separation(7)
PO = 10W, f = 10kHz
66
dB
SR
Slew Rate
VIN = 1.2VRMS, f = 10kHz square
9
5
V/
μs (min)
Wave.RL = 2kΩ
IDD
Total Quiescent Power
VCM = 0V
75
150
mA (max)
Supply Current
VO = 0V, IO = 0A
VOS
Input Offset Voltage
VCM = 0V, IO = 0mA
1
10
mV (max)
IB
Input Bias Current
VCM = 0V, IO = 0mA
0.2
1
μA (max)
IO
Output Current Limit
|V+| = |V-| = 20V, tON = 10ms
4
3
A (min)
|V+ - VO|, V
+ = 20V, I
O = +100mA
1.5
4
V (max)
VOD
Output Dropout Voltage(8)
|VO - V
-|, V-= -20V, I
O = -100mA
2.5
4
V (max)
V+ = 30V to 10V, V-= -30V
125
85
dB (min)
VCM = 0V, IO = 0mA
PSRR
Power Supply Rejection Ratio(9)
V+ = 30V, V-= -30V to -10V
110
85
dB (min)
VCM = 0V, IO = 0mA
CMRR
Common Mode Rejection Ratio(9) V+ = 30V to 10V, V-= -10V to -30V
110
75
dB (min)
VCM = 20V to -20V, IO = 0mA
AVOL
Open Loop Voltage Gain
|V+| = |V-| = 28V, RL = 2kΩ
115
80
dB (min)
ΔVO = 20V
GBWP
Gain Bandwidth Product
|V+| = |V-| = 28V, fIN = 100kHz
8
2
MHz (min)
VIN = 50mVRMS
eIN
Input Noise
IHF-A-Weighting Filter,
3.0
8
μV (max)
RIN = 600Ω (Input Referred)
(1)
All voltages are measured with respect to the ground pins, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Typical specifications are measured at 25°C and represent the parametric norm.
(4)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
V- must have at least - 9V at its pin with reference to GND in order for the under-voltage protection circuitry to be disabled. In addition,
the voltage differential between V+ and V-must be greater than 14V.
(7)
Cross talk performance was measured using the demo board shown in the datasheet. PCB layout will affect cross talk. It is
recommended that the input and output traces be separated by as much distance as possible. Return ground traces from outputs should
also be independent back to single ground point and use as wide of traces as possible.
(8)
The output dropout voltage is the supply voltage minus the clipping voltage. Refer to the Clipping Voltage vs. Supply Voltage graph in
the Typical Performance Characteristics section.
(9)
DC electrical test.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4781 LM4781TABD


Número de pieza similar - LM4781TABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
More results

Descripción similar - LM4781TABD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
International Rectifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
NTE Electronics
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com