Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4782 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM4782
Descripción Electrónicos  Audio Power Amplifier Series
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4782 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4782 Datasheet HTML 6Page - Texas Instruments LM4782 Datasheet HTML 7Page - Texas Instruments LM4782 Datasheet HTML 8Page - Texas Instruments LM4782 Datasheet HTML 9Page - Texas Instruments LM4782 Datasheet HTML 10Page - Texas Instruments LM4782 Datasheet HTML 11Page - Texas Instruments LM4782 Datasheet HTML 12Page - Texas Instruments LM4782 Datasheet HTML 13Page - Texas Instruments LM4782 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LM4782, LM4782TABD
SNAS231B – FEBRUARY 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
THD+N
THD+N
vs
vs
Frequency
Frequency
±19V, POUT = 1W & 15W/Channel
±22V, POUT = 1W & 15W/Channel
RL = 4Ω, 80kHz BW
RL = 6Ω, 80kHz BW
Figure 7.
Figure 8.
THD+N
vs
THD+N
Frequency
vs
±25V, POUT = 1W & 15W/Channel
Output Power/Channel
RL = 8Ω, 80kHz BW
±19V, RL = 4Ω, 80kHz BW
Figure 9.
Figure 10.
THD+N
THD+N
vs
vs
Output Power/Channel
Output Power/Channel
±22V, RL = 6Ω, 80kHz BW
±25V, RL = 8Ω, 80kHz BW
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4782 LM4782TABD


Número de pieza similar - LM4782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 NSC-LM4782 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782 TI1-LM4782 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782TA NSC-LM4782TA Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
More results

Descripción similar - LM4782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM1876 TI1-LM1876_16 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
[Old version datasheet]   Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com