Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4853 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4853
Descripción Electrónicos  Mono 1.5 W / Stereo 300mW Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4853 Datasheet(HTML) 3 Page - Texas Instruments

  LM4853 Datasheet HTML 1Page - Texas Instruments LM4853 Datasheet HTML 2Page - Texas Instruments LM4853 Datasheet HTML 3Page - Texas Instruments LM4853 Datasheet HTML 4Page - Texas Instruments LM4853 Datasheet HTML 5Page - Texas Instruments LM4853 Datasheet HTML 6Page - Texas Instruments LM4853 Datasheet HTML 7Page - Texas Instruments LM4853 Datasheet HTML 8Page - Texas Instruments LM4853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM4853
www.ti.com
SNAS155E – JANUARY 2002 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
ESD Susceptibility(3)
3.5kV
ESD Machine model(4)
250V
Junction Temperature (TJ)
150°C
Solder Information
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
θJA (typ)—DGS
194°C/W
θJC (typ)—DGS
52°C/W
Thermal Resistance
θJA (typ)—NHE0014A
(5)
56°C/W
θJC (typ)—NHE0014A
4.3°C/W
(1)
Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
(5)
The given
θJA is for an LM4853LD with the Exposed-DAP soldered to an exposed 1in
2 area of 1oz printed circuit board copper.
Operating Ratings
(1)
Temperature Range
−40°C ≤ to 85°C
Supply Voltage VDD
2.4V
≤ VDD ≤ 5.5V
(1)
Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
Electrical Characteristics
(1) (2)
The following specifications apply for VDD= 5.0V, TA= 25°C unless otherwise specified.
Symbol
Parameter
Conditions
LM4853
Units
(Limits)
Typical(3)
Limit(4)(5)
VDD
Supply Voltage
2.4
V (min)
5.5
V (max)
IDD
Supply Current
BTL Mode; VIN = 0V; IO = 0A
2.4
7.0
mA
SE Mode; VIN = 0V; IO = 0A
2.4
7.0
mA
ISD
Shutdown Current
SD Mode; VSHUTDOWN = VDD
18
µA
VOS
Output Offset Voltage
BTL Mode; AV = 2
5.0
40
mV
BTL OUT+ to BTL OUT
(1)
Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typical specifications are specified at +25°C and represent the most likely parametric norm.
(4)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(5)
Limits are specified to TI's AOQL ( Average Outgoing Quality Level ).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4853


Número de pieza similar - LM4853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853LD NSC-LM4853LD Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853MM NSC-LM4853MM Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results

Descripción similar - LM4853

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com