Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS533ADWR Datasheet(PDF) 2 Page - Texas Instruments |
|
SN74ALS533ADWR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 16 page SN74ALS533A, SN74AS533A OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS SDAS270 – DECEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† logic diagram (positive logic) 1D 3 1D 4 2D 7 3D 8 4D 13 5D 14 6D 17 7D 18 8D 2 5 6 9 12 15 16 19 EN 1 C1 11 LE OE 1Q 2Q 3Q 4Q 5Q 6Q 8Q 7Q † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. 1D C1 C1 C1 C1 C1 C1 C1 C1 1D 1D 1D 1D 1D 1D 1D OE 1D 2D 3D 4D 5D 6D 7D 8D 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q LE 1 1 11 3 4 7 8 13 14 17 18 2 5 6 9 12 15 16 19 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to a disabled 3-state output 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN74ALS533A 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. |
Número de pieza similar - SN74ALS533ADWR |
|
Descripción similar - SN74ALS533ADWR |