Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16260 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74ALVCH16260
Descripción Electrónicos  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16260 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVCH16260_08 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCH16260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES046G – JULY 1995 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
VOL
V
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
-25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
-45
µA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ(3)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3.5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
9
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE1B, LE2B, LEA1B, or LEA2B high
(1)
3.3
3.3
3.3
ns
tsu
Setup time, data before LE1B, LE2B, LEA1B, or LEA2B
(1)
1.4
1.1
1.1
ns
th
Hold time, data after LE1B, LE2B, LEA1B, or LEA2B
(1)
1.6
1.9
1.5
ns
(1)
This information was not available at the time of publication.
5


Número de pieza similar - SN74ALVCH16260_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGG TI-SN74ALVCH162601DGG Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGGR TI-SN74ALVCH162601DGGR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DL TI-SN74ALVCH162601DL Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DL TI-SN74ALVCH162601DL Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16260_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com