Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16260 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALVCH16260
Descripción Electrónicos  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16260 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALVCH16260 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 9Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 10Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 11Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 12Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 13Page - Texas Instruments SN74ALVCH16260 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVCH16260DGGRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DGGRG4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCH16260DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DGGR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCH16260DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2007
Addendum-Page 1


Número de pieza similar - SN74ALVCH16260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGG TI-SN74ALVCH162601DGG Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGGR TI-SN74ALVCH162601DGGR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DL TI-SN74ALVCH162601DL Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com