Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM43603 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM43603
Descripción Electrónicos  LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM43603 Datasheet(HTML) 3 Page - Texas Instruments

  LM43603 Datasheet HTML 1Page - Texas Instruments LM43603 Datasheet HTML 2Page - Texas Instruments LM43603 Datasheet HTML 3Page - Texas Instruments LM43603 Datasheet HTML 4Page - Texas Instruments LM43603 Datasheet HTML 5Page - Texas Instruments LM43603 Datasheet HTML 6Page - Texas Instruments LM43603 Datasheet HTML 7Page - Texas Instruments LM43603 Datasheet HTML 8Page - Texas Instruments LM43603 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
LM43603
www.ti.com
SNVSA09B – APRIL 2014 – REVISED SEPTEMBER 2014
6 Pin Configuration and Functions
16-Pin HTSSOP (PWP)
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
TYPE(1)
SW
1,2
P
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
power inductor.
CBOOT
3
P
Boot-strap capacitor connection for high-side driver. Connect a high quality 470 nF capacitor
from CBOOT to SW.
VCC
4
P
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND.
Do not connect external loading to this pin. Never short this pin to ground during operation.
BIAS
5
P
Optional internal LDO supply input. To improve efficiency, it is recommended to tie to VOUT
when 3.3 V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used,
place a bypass capacitor (1 to 10 µF) from this pin to ground. Tie to ground when not in use.
Do not float
SYNC
6
A
Clock input to synchronize switching action to an external clock. Use proper high speed
termination to prevent ringing. Connect to ground if not used. Do not float
RT
7
A
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating
for 500 kHz default switching frequency.
PGOOD
8
A
Open drain output for power-good flag. Use a 10 k
Ω to 100 kΩ pull-up resistor to logic rail or
other DC voltage no higher than 12 V.
FB
9
A
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not
short this pin to ground during operation.
AGND
10
G
Analog ground pin. Ground reference for internal references and logic. Connect to system
ground.
SS/TRK
11
A
Soft-start control pin. Leave floating for internal soft-start slew rate. Connect to a capacitor to
extend soft start time. Connect to external voltage ramp for tracking.
EN
12
A
Enable input to the internal LDO and regulator. High = ON and low = OFF. Connect to VIN,
or to VIN through resistor divider,or to an external voltage or logic source. Do not float.
VIN
13,14
P
Supply input pins to internal LDO and high side power FET. Connect to power supply and
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be
as short as possible.
PGND
15,16
G
Power ground pins, connected internally to the low side power FET. Connect to system
ground, PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as
possible.
PAD
-
-
Low impedance connection to AGND. Connect to PGND on PCB . Major heat dissipation
path of the die. Must be used for heat sinking to ground plane on PCB.
(1)
P = Power, G = Ground, A = Analog
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM43603


Número de pieza similar - LM43603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

Descripción similar - LM43603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com