Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-15 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS3306-15
Descripción Electrónicos  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-15 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3306-15 Datasheet HTML 5Page - Texas Instruments TPS3306-15 Datasheet HTML 6Page - Texas Instruments TPS3306-15 Datasheet HTML 7Page - Texas Instruments TPS3306-15 Datasheet HTML 8Page - Texas Instruments TPS3306-15 Datasheet HTML 9Page - Texas Instruments TPS3306-15 Datasheet HTML 10Page - Texas Instruments TPS3306-15 Datasheet HTML 11Page - Texas Instruments TPS3306-15 Datasheet HTML 12Page - Texas Instruments TPS3306-15 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
4
0
−6
−10
−0.5 0 0.5 1
2.5 3 3.5
8
14
18
4
5
6
7
16
12
10
6
2
−2
−4
−8
1.5 2
4.5
5.5
6.5
VDD − Supply Voltage − V
SENSEn = VDD
TA = 25°C
TPS3306−33
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
1.005
60
85
VDD = 6 V
1.004
1.001
0.998
0.996
TA − Free-Air Temperature − °C
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
1
2
3
4
5
6
7
8
9 10 11 12 13
85
°C
−40
°C
VDD = 2.7 V
IOL − Low-Level Output Current − mA
3.5
3
1.5
0
0
5
10 15 20
30
35
4.5
5.5
6.5
40
50
55 60
85
°C
−40
°C
VDD = 6 V
IOL − Low-Level Output Current − mA
6
5
4
2.5
2
1
0.5
25
45
TPS3306-15
TPS3306-18, TPS3306-20
TPS3306-25, TPS3306-33
SLVS290A – APRIL 2000 – REVISED MAY 2004
NORMALIZED SENSE THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE AT VDD
SUPPLY VOLTAGE
Figure 2.
Figure 3.
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
9


Número de pieza similar - TPS3306-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15 TI-TPS3306-15 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-15 TI1-TPS3306-15 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Descripción similar - TPS3306-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com