Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ALVCH162268ZQLR Datasheet(PDF) 6 Page - Texas Instruments |
|
74ALVCH162268ZQLR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page www.ti.com RECOMMENDED OPERATING CONDITIONS (1) SN74ALVCH162268 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS SCES018L – AUGUST 1995 – REVISED SEPTEMBER 2004 MIN MAX UNIT VCC Supply voltage 1.65 3.6 V VCC = 1.65 V to 1.95 V 0.65 × V CC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VCC = 2.7 V to 3.6 V 2 VCC = 1.65 V to 1.95 V 0.35 × V CC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VCC = 2.7 V to 3.6 V 0.8 VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 1.65 V -4 VCC = 2.3 V -12 High-level output current (A port) VCC = 2.7 V -12 VCC = 3 V -24 IOH mA VCC = 1.65 V -2 VCC = 2.3 V -6 High-level output current (B port) VCC = 2.7 V -8 VCC = 3 V -12 VCC = 1.65 V 4 VCC = 2.3 V 12 Low-level output current (A port) VCC = 2.7 V 12 VCC = 3 V 24 IOL mA VCC = 1.65 V 2 VCC = 2.3 V 6 Low-level output current (B port) VCC = 2.7 V 8 VCC = 3 V 12 ∆t/∆v Input transition rise or fall rate 10 ns/V TA Operating free-air temperature -40 85 °C (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6 |
Número de pieza similar - 74ALVCH162268ZQLR |
|
Descripción similar - 74ALVCH162268ZQLR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |