Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G00 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74AUP1G00
Descripción Electrónicos  Low-Power Single 2-Input Positive-NAND Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G00 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G00_16 Datasheet HTML 1Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 2Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 3Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 4Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 5Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 6Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 7Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 8Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
A
B
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G00
SCES604I – SEPTEMBER 2004 – REVISED JUNE 2014
SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
1 Features
2 Applications
1
Available in the Ultra Small 0.64 mm2 Package
ATCA Solutions
(DPW) with 0.5-mm Pitch
Active Noise Cancellation (ANC)
Low Static-Power Consumption
Barcode Scanner
(ICC = 0.9 µA Max)
Blood Pressure Monitor
Low Dynamic-Power Consumption
CPAP Machine
(Cpd = 4 pF Typ at 3.3 V)
Cable Solutions
Low Input Capacitance (Ci = 1.5 pF Typ)
DLP 3D Machine Vision, Hyperspectral Imaging,
Low Noise Overshoot and Undershoot
Optical Networking, and Spectroscopy
<10% of VCC
E-Book
Ioff Supports Live Insertion, Partial-Power-Down
Embedded PC
Mode, and Back-Drive Protection
Field Transmitter: Temperature or Pressure
Input Hysteresis Allows Slow Input Transition and
Sensor
Better Switching Noise Immunity at Input
Fingerprint Biometrics
(Vhys = 250 mV Typ at 3.3 V)
HVAC: Heating, Ventilating, and Air Conditioning
Wide Operating VCC Range of 0.8 V to 3.6 V
Network-Attached Storage (NAS)
Optimized for 3.3-V Operation
Server Motherboard and PSU
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Software Defined Radio (SDR)
Operation
TV: High-Definition (HDTV), LCD, and Digital
tpd = 4.8 ns Max at 3.3 V
Video Communications System
Suitable for Point-to-Point Applications
Wireless Data Access Card, Headset, Keyboard,
Latch-Up Performance Exceeds 100 mA
Mouse, and LAN Card
Per JESD 78, Class II
X-ray: Baggage Scanner, Medical, and Dental
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
3 Description
(A114-B, Class II)
This single 2-input positive-NAND gate performs the
1000-V Charged-Device Model (C101)
Boolean function Y = A × B or Y = A + B in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SN74AUP1G00
SOT (5)
1.60 mm × 1.20 mm
USON (6)
1.45 mm × 1.00 mm
X2SON (4)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - SN74AUP1G00_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
More results

Descripción similar - SN74AUP1G00_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com