Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G07DCKRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G07DCKRG4
Descripción Electrónicos  Low-Power Single Buffer/Driver With Open-Drain Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G07DCKRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G07DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G07DCKRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SN74AUP1G07
SCES591J – JULY 2004 – REVISED JUNE 2014
www.ti.com
7.7 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
15
1.2 V ± 0.1 V
4
6.2
9
2.4
16.2
1.5 V ± 0.1 V
3.1
4.4
6.1
2
9.4
tpd
A
Y
ns
1.8 V ± 0.15 V
3.3
3.9
4.8
1.6
7.1
2.5 V ± 0.2 V
2.1
2.8
3.5
1.3
4.8
3.3 V ± 0.3 V
2.3
3
4
1.4
4.5
7.8 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
18.2
1.2 V ± 0.1 V
4.9
7.3
10.4
3.2
17.6
1.5 V ± 0.1 V
3.8
5.2
6.8
2.6
10.2
tpd
A
Y
ns
1.8 V ± 0.15 V
3.4
4.8
6.7
2.2
7.9
2.5 V ± 0.2 V
2.4
3.4
4.5
1.9
5.3
3.3 V ± 0.3 V
2.2
3.7
5.4
1.8
6.1
7.9 Switching Characteristics, CL = 30 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
26.5
1.2 V ± 0.1 V
8.1
10.7
14.4
4.5
21.9
1.5 V ± 0.1 V
6.5
7.7
9.4
3.8
13
tpd
A
Y
ns
1.8 V ± 0.15 V
5.8
7.5
9.7
3.2
11
2.5 V ± 0.2 V
4.5
5.4
6.7
3
7.1
3.3 V ± 0.3 V
3.9
6.3
9.7
2.8
10.4
7.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
1
1.2 V ± 0.1 V
1
1.5 V ± 0.1 V
1
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
1
2.5 V ± 0.2 V
1
3.3 V ± 0.3 V
1
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G07


Número de pieza similar - SN74AUP1G07DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G07DCKRG4 TI-SN74AUP1G07DCKRG4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Descripción similar - SN74AUP1G07DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com