Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74BCT29834DWR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74BCT29834DWR
Descripción Electrónicos  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29834DWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT29834DWR Datasheet HTML 1Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 2Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 3Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 4Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 5Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 6Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 7Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 8Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74BCT29834
8BIT TO 9BIT PARITY BUS TRANSCEIVER
SCBS256 − SEPTEMBER 1987 − REVISED NOVEMBER 1993
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
A or B
B or A
1
5
7
1
8
ns
tPHL
A or B
B or A
1.5
4
6
1.5
7
ns
tPLH
A
PARITY
1.5
10
13
1.5
15
ns
tPHL
A
PARITY
1.5
8
10
1.5
15
ns
tPZH
OEA or OEB
A or B
2
11
15
2
19
ns
tPZL
OEA or OEB
A or B
2
15
19
2
21
ns
tPHZ
OEA or OEB
A or B
2
8
11
2
15
ns
tPLZ
OEA or OEB
A or B
2
13
17
2
21
ns
tPLH
CLK
ERR
1.5
7
10
1.5
12
ns
tPLH
CLR
ERR
1.5
13
17
1.5
18
ns
tPLH
OEA
PARITY
1.5
10
13
1.5
15
ns
tPHL
OEA
PARITY
1.5
10
13
1.5
15
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuits and voltage waveforms are shown in Section 1.


Número de pieza similar - SN74BCT29834DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74BCT29834DW TI-SN74BCT29834DW Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

Descripción similar - SN74BCT29834DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29833 TI-SN74ALS29833 Datasheet
102Kb / 6P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834 TI-SN74BCT29834 Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com