Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734035748 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734035748
Descripción Electrónicos  50 Ohms, FAKRA II SMB Plug, Keying Option I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734035748 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734035748 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734035748
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA II SMB Plug, Keying Option I, Beige
Documents:
3D Model
Application Specification AS-73597-042 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73403
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
Cable
UPC
884982677968
Wire/Cable Type
RG-174, RG-316
Physical
Gender
Plug
Keying to Mating Part
Yes
Net Weight
3.134/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-73597-042
Sales Drawing
SD-73403-574, SD-73575-002, SD-89538-025,
SD-89618-350, SD-89618-373
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73403 Series
This document was generated on 08/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734035748

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734035748 MOLEX-0734035748_V01 Datasheet
33Kb / 1P
   50 Ohms, FAKRA SMB Plug, Keying Option I, Beige
More results

Descripción similar - 0734035748

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734036268 MOLEX11-0734036268 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option I
0734035747 MOLEX11-0734035747 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option H
0734036262 MOLEX11-0734036262 Datasheet
30Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option C
0734036264 MOLEX11-0734036264 Datasheet
30Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option E
0734036270 MOLEX11-0734036270 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option Z
0734035746 MOLEX11-0734035746 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option G,
0734036261 MOLEX11-0734036261 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option B
0734036267 MOLEX11-0734036267 Datasheet
30Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option H
0734035753 MOLEX11-0734035753 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option N
0734036265 MOLEX11-0734036265 Datasheet
31Kb / 1P
   50 Ohms, FAKRA II SMB Plug, Keying Option F
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com