Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5051 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM5051
Descripción Electrónicos  Low Side OR-ing FET Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM5051 Datasheet(HTML) 4 Page - Texas Instruments

  LM5051_13 Datasheet HTML 1Page - Texas Instruments LM5051_13 Datasheet HTML 2Page - Texas Instruments LM5051_13 Datasheet HTML 3Page - Texas Instruments LM5051_13 Datasheet HTML 4Page - Texas Instruments LM5051_13 Datasheet HTML 5Page - Texas Instruments LM5051_13 Datasheet HTML 6Page - Texas Instruments LM5051_13 Datasheet HTML 7Page - Texas Instruments LM5051_13 Datasheet HTML 8Page - Texas Instruments LM5051_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM5051
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated all conditions and measurements are referenced to device pin 7 (INP/VSS), and the following conditions
apply: VLINE= 48.0V, VINN= -150 mV, VOFF= 0.0V, CGATE= 47 nF, CVCC= 0.1 µF, and TJ= 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LINE Pin
VLINE = 48.0V
ILINE
LINE Pin current
-
690
780
μA
VCC Pin = Open
VCC Pin
VCC
Operating Voltage Range
LINE Pin = Open
4.50
-
VZ
V
IVCC = 2 mA
11.9
13.0
14.3
VZ
VCC Shunt Zener Voltage
V
IVCC = 10 mA
12.5
13.5
14.5
ΔVZ
Shunt Zener Regulation
IVCC = 2 mA to 10 mA
-
0.50
1.11
V
VVCC = VZ - 100mV
-
1.0
1.50
IVCC
Supply Current
mA
VVCC = 5.0V
-
0.4
1.10
INN Pin
VINN = 0.0V
-
3.1
-
IINN
INN Pin Current
μA
VINN = 90V
-
0.04
-
GATE
VGATE = 5.5V
GATE Charge Current
0.28
0.66
0.95
mA
VINN = -150mV
IGATE
VGATE = 5.5V
GATE Discharge Current
VINN = -150 mV to +300 mV
2.4
3.5
-
A
t
≤ 10 ms
VLINE = 48.0V
-
13.0
-
VGATE
GATE Pin High Voltage
VVCC = 10.25V, LINE = Open
9.98
10.2
-
V
VVCC = 5.0V, LINE= Open
4.70
4.95
-
VINN going negative until Gate
VSD(REV)
Reverse Threshold
-112.2
-45
+11.4
mV
Drive Turns ON
ΔVSD(REV)
Reverse Threshold Hysteresis
VINN going positive from
VSD(REV) Threshold until Gate
-
50
-
mV
Drive Turns OFF
VSD(REG)
Regulated VINP/VSS to VINN Threshold
-10.8
12
30.8
mV
CGATE = 0
(1)
-
34
50
Gate Capacitance Discharge Time at
tGATE(REV)
Forward to Reverse Transition
CGATE = 10 nF
(1)
-
60
-
ns
See Figure 6
CGATE = 47 nF
(1)
-
90
230
Gate Capacitance Discharge Time at
tGATE(OFF)
OFF pin Low to High Transition
CGATE = 47 nF
(2)
-
120
-
ns
See Figure 7
OFF Pin
VINN = -400 mV
VOFF(IH)
OFF Input High Threshold Voltage
1.28
1.50
1.65
VOFF Rising until Gate is Low
V
VINN = -400 mV
VOFF(IL)
OFF Input Low Threshold Voltage
-
1.48
-
VOFF Falling until Gate is High
ΔVOFF
OFF Threshold Voltage Hysteresis
VOFF(IH) - VOFF(IL)
-
20
-
mV
IOFF(IH)
OFF Pin Internal Pull-down
VOFF = 5.0V
-
4.6
6.00
µA
IOFF(IL)
VOFF = 0.0V
-
-0.03
-
µA
(1)
Time from VINN voltage transition from -200 mV to +500 mV until Gate pin voltage falls to ≤ 1.00V. See Figure 6
(2)
Time from VOFF voltage transition from 0.0V to 5.0V until GATE pin voltage falls to ≤ 1.0V. See Figure 7
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5051


Número de pieza similar - LM5051_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5051MA TI1-LM5051MA Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051MAE TI1-LM5051MAE Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051MAX TI1-LM5051MAX Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
More results

Descripción similar - LM5051_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com