Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB8J12A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

No. de pieza SMB8J12A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB8J12A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB8J12A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB8J12A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1MR
1MQ
1MP
1MN
1MM
1ML
1MK
1MH
1MG
1MF
1ME
1MD
1LZ
1LY
1LX
1LW
1LV
1LU
1LT
1LS
1LR
1LQ
1LP
1LN
1LM
1LL
1LK
1LH
1LG
1LF
1LE
1LD
1KZ
1KY
1KX
1KW
1KV
1KU
1KT
1KS
1KR
1KQ
1KP
1KN
1KM
1KL
1KK
1KH
1KG
1KF
1KE
1KD
SMB8J8.5A
SMB8J40A
SMB8J40
SMB8J36A
SMB8J36
SMB8J33A
SMB8J33
SMB8J30A
SMB8J30
SMB8J28A
SMB8J28
SMB8J26A
SMB8J26
SMB8J24A
SMB8J24
SMB8J22A
SMB8J22
SMB8J20A
SMB8J20
SMB8J18A
SMB8J18
SMB8J17A
SMB8J17
SMB8J16A
SMB8J16
SMB8J15A
SMB8J15
SMB8J14A
SMB8J14
SMB8J13A
SMB8J13
SMB8J12A
SMB8J12
SMB8J11A
SMB8J11
SMB8J10A
SMB8J10
SMB8J9.0A
SMB8J9.0
SMB8J8.5
SMB8J8.0A
SMB8J8.0
SMB8J7.5A
SMB8J7.5
SMB8J7.0A
SMB8J7.0
SMB8J6.5A
SMB8J6.5
SMB8J6.0A
SMB8J6.0
SMB8J5.0A
SMB8J5.0
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
6.40
7.82
5.0
2000
83.3
9.6
7.25
5.0
2000
87.0
9.2
8.15
10
2000
70.2
11.4
7.37
10
6.0
2000
77.7
10.3
8.82
6.5
1000
65.0
12.3
7.22
7.98
10
6.5
1000
71.4
11.2
44.4
49.1
1.0
40
1.0
12.4
64.5
54.3
40
1.0
11.2
71.4
44.2
36
1.0
13.8
58.1
40.0
48.9
1.0
36
1.0
12.4
64.3
40.6
1.0
33
1.0
15.0
53.3
44.9
33
1.0
13.6
59.0
36.8
30
1.0
16.5
48.4
40.7
30
1.0
15.0
53.5
34.4
28
1.0
17.6
45.4
38.0
28
1.0
16.0
50.0
31.9
26
1.0
19.0
42.1
35.3
1.0
26
1.0
17.2
46.6
26.7
29.5
1.0
24
1.0
20.6
38.9
32.6
24
1.0
18.6
43.0
26.9
22
1.0
22.5
35.5
29.8
1.0
22
1.0
20.3
39.4
8.89
9.83
1.0
8.0
100
58.8
13.6
9.51
7.0
400
60.2
13.3
7.78
8.60
400
66.7
12.0
16
1.0
27.8
28.8
8.33
10.2
1.0
7.5
200
55.9
14.3
11.5
8.5
40
50.3
15.9
10.9
1.0
8.0
100
53.3
15.0
9.21
7.5
200
62.0
12.9
8.5
40
55.6
14.4
12.2
9.0
20
47.3
16.9
11.1
13.6
1.0
10
10
42.6
18.8
11.1
12.3
0
10
47.1
17.0
10.0
11.1
1.0
9.0
1.9
15.4
12.2
14.9
11
5.0
39.8
20.1
13.5
11
5.0
44.0
18.2
13.3
36.4
22.0
14.4
17.6
1.0
13
1.0
33.6
23.8
15.9
1.0
13
1.0
37.2
21.5
13.3
14.7
12
5.0
40.2
19.9
19.1
1.0
14
1.0
31.0
25.8
1.0
14
1.0
34.5
23.2
16.7
20.4
1.0
15
1.0
29.7
26.9
16.7
18.5
1.0
15
1.0
32.8
24.4
17
1.0
26.2
30.5
1.0
17
1.0
29.0
27.6
27.1
20
1.0
35.8
22.3
22.1
1.0
18
1.0
27.4
29.2
22.2
1.0
20
1.0
24.7
32.4
1.0
18
1.0
24.8
32.2
19.7
16
1.0
30.8
26.0
SMB8J5.0C
SMB8J5.0CA
SMB8J6.0C
SMB8J6.0CA
SMB8J6.5C
SMB8J6.5CA
SMB8J40CA
SMB8J40C
SMB8J36CA
SMB8J36C
SMB8J33CA
SMB8J33C
SMB8J30CA
SMB8J30C
SMB8J28CA
SMB8J28C
SMB8J26CA
SMB8J26C
SMB8J24CA
SMB8J24C
SMB8J22CA
SMB8J22C
SMB8J8.0CA
SMB8J7.0C
SMB8J7.0CA
SMB8J16C
SMB8J7.5C
SMB8J8.5C
SMB8J8.0C
SMB8J7.5CA
SMB8J8.5CA
SMB8J9.0C
SMB8J10C
SMB8J10CA
SMB8J9.0CA
SMB8J11C
SMB8J11CA
SMB8J12C
SMB8J13C
SMB8J13CA
SMB8J12CA
SMB8J14C
SMB8J14CA
SMB8J15C
SMB8J15CA
SMB8J17C
SMB8J17CA
SMB8J20C
SMB8J18CA
SMB8J20CA
SMB8J18C
SMB8J16CA
1AD
1AE
1AG
1AK
1CR
1CP
1CN
1CH
1CE
1AR
1AM
1AN
1AS
1AT
1AU
1AY
1AZ
1BD
1BF
1BG
1BE
1BH
1BL
1BM
1BQ
1BR
1BT
1BV
1BS
1AL
1AV
1AX
1CQ
1CM
1CL
1CK
1CG
1CF
1CD
1BZ
1BY
1BX
1BW
1BU
1BP
1BK
1AW
1AQ
1AP
1AH
1AF
1BN
2 of 2
www.sunmate.tw
RWM (V)
RWM
Breakdown
Marking
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
24.5
24.4
20.9
23.1
21.8
17.2
16.3
1.0
10.4
9.44
6.40
6.67
6.67
7.22
7.78
8.33
8.89
9.44
10.0
12.2
14.4
15.6
15.6
17.8
17.8
18.9
18.9
20.0
20.0
22.2
24.4
24.4
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40.0
44.4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1
1.0
1.0
1.0
1.0
10
7.0
10
10
6.0
10
10
12
5.0
20
5
(Uni)
(Bi)
TYPE


Número de pieza similar - SMB8J12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMB8J12C VISHAY-SMB8J12C Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB8J12CA VISHAY-SMB8J12CA Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB8J12CA VISHAY-SMB8J12CA Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMB8J12CA VISHAY-SMB8J12CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB8J12CA VISHAY-SMB8J12CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Descripción similar - SMB8J12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com