Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74FB2031RC Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza SN74FB2031RC
Descripción Electrónicos  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2031RC Datasheet(HTML) 2 Page - Texas Instruments

  SN74FB2031RC Datasheet HTML 1Page - Texas Instruments SN74FB2031RC Datasheet HTML 2Page - Texas Instruments SN74FB2031RC Datasheet HTML 3Page - Texas Instruments SN74FB2031RC Datasheet HTML 4Page - Texas Instruments SN74FB2031RC Datasheet HTML 5Page - Texas Instruments SN74FB2031RC Datasheet HTML 6Page - Texas Instruments SN74FB2031RC Datasheet HTML 7Page - Texas Instruments SN74FB2031RC Datasheet HTML 8Page - Texas Instruments SN74FB2031RC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
BIAS VCC establishes a voltage between 1.62 V and 2.1 V on the BTL outputs when VCC is not connected.
BG VCC and BG GND are the supply inputs for the bias generator.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0
°C to 70°C
QFP – RC
Tube
SN74FB2031RC
FB2031
† Package drawings, standard packing quantities, thermal data,
symbolization,
and
PCB
design
guidelines
are
available
at
www.ti.com/sc/package.
Function Tables
TRANSCEIVER
INPUTS
FUNCTION
OEA
OEB
OEB
FUNCTION
L
H
L
A data to B bus
H
L
X
B d ttA b
H
XH
B data to A bus
H
H
L
A data to B bus, B data to A bus
L
L
X
Isolation
L
X
H
Isolation
STORAGE MODE
LCA, LCB
RESULT
0
Transparent
1
Latches latched
Flip-flops triggered
SELECT
SEL1
SEL0
MUX
A
→B
MUX
B
→A
0
0
Latch
Latch
0
1
Through
Through
1
0
Flip-flop
Flip-flop
1
1
Flip-flop
Latch


Número de pieza similar - SN74FB2031RC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2031RC TI-SN74FB2031RC Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

Descripción similar - SN74FB2031RC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com