Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74FB2031RCRG3 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74FB2031RCRG3
Descripción Electrónicos  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2031RCRG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74FB2031RCRG3 Datasheet HTML 2Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 3Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 4Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 5Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 6Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 7Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 8Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 9Page - Texas Instruments SN74FB2031RCRG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
A
B
3.7
4.5
5.9
3.2
6.6
ns
tPHL
(through mode)
B
2.9
4
5.7
2.6
5.9
ns
tPLH
A
B
4.1
5
6.5
3.6
7.3
ns
tPHL
(transparent)
B
3.3
4.5
6.1
3
6.5
ns
tPLH
LCA
B
4.5
5.4
7
3.9
7.8
ns
tPHL
LCA
B
4
5.1
6.7
3.4
7.4
ns
tPLH
LCB
A
2.8
3.7
4.7
1.9
6
ns
tPHL
LCB
A
2.5
3.4
4.9
1.8
5.5
ns
tPLH
SEL1 or SEL0
A
2.5
3.8
5.3
1.9
6.3
ns
tPHL
SEL1 or SEL0
A
2.2
3.5
5.1
1.6
5.6
ns
tPLH
SEL1 or SEL0
B
4.1
5.3
6.9
3.7
7.8
ns
tPHL
SEL1 or SEL0
B
3.7
5.2
6.9
3.3
7.7
ns
tPLH
B
A
3.1
4
5.6
2.2
7.1
ns
tPHL
B
(through mode)
A
2.6
3.4
4.9
1.4
5.7
ns
tPLH
B
A
3.3
4.2
5.9
2.4
7.6
ns
tPHL
B
(transparent)
A
2.8
3.9
5.5
1.8
6.3
ns
tPLH
OEB
OEB
B
3.7
4.6
6.1
3.2
6.7
ns
tPHL
OEB or OEB
B
2.9
4.3
5.8
2.5
6.4
ns
tPZH
OEA
A
2.3
3.1
4.5
1.6
5
ns
tPZL
OEA
A
1.9
2.7
4.1
1.6
4.4
ns
tPHZ
OEA
A
2.2
3.1
4.5
1.5
5.2
ns
tPLZ
OEA
A
2.5
3.3
4.9
2
5.2
ns
tsk(p)
A
B
0.5
ns
sk( )
Pulse skew
B
A
0.3
ns
tsk(o)
A
B
0.2
ns
sk(o)
Output skew
B
A
0.3
ns
tt
Transition time, B outputs (1.3 V to 1.8 V)
0.6
2
2.8
0.4
2.9
ns
tt
Transition time, A outputs (10% to 90%)
0.5
3.5
4.7
0
5.4
ns
t(pr)
B-port input pulse rejection
1
1
ns


Número de pieza similar - SN74FB2031RCRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2031RC TI-SN74FB2031RC Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

Descripción similar - SN74FB2031RCRG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com