Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5080 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM5080
Descripción Electrónicos  Modular Current Sharing Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080 Datasheet(HTML) 5 Page - Texas Instruments

  LM5080 Datasheet HTML 1Page - Texas Instruments LM5080 Datasheet HTML 2Page - Texas Instruments LM5080 Datasheet HTML 3Page - Texas Instruments LM5080 Datasheet HTML 4Page - Texas Instruments LM5080 Datasheet HTML 5Page - Texas Instruments LM5080 Datasheet HTML 6Page - Texas Instruments LM5080 Datasheet HTML 7Page - Texas Instruments LM5080 Datasheet HTML 8Page - Texas Instruments LM5080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VCC (V)
3
4
5
6
7
8
9
10 11 12 13 14 15
-40
°C
25
°C
125
°C
TRO=750 mV
VCC (V)
3
4
5
6
7
8
9 10 11 12 13 14 15
-40
°C
25
°C
125
°C
10
12
14
16
18
20
22
24
26
28
30
CSP = CSM = 0
RSO = CSO
RSO Sinking = 10 mA
26
27
28
29
30
31
32
33
34
35
36
-40
°C
25
°C
125
°C
VCC (V)
3
4
5
6
7
8
9
10 11 12 13 14 15
RSO = 3V
-40
°C
25
°C
125
°C
VCC (V)
3
4
5
6
7
8
9
10 11 12 13 14 15
RSO = 0V
-37
-35
-33
-31
-29
-27
-25
-23
-21
-19
-17
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
VCC (V)
3
4
5
6
7
8
9
10 11 12 13 14 15
-40
°C
25
°C
125
°C
CSM=0V
CSP=open
RSO=CSO
RSO Unloaded
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
125°C
VCC (V)
3
4
5
6
7
8
9 10 11 12 13 14 15
NRND
LM5080
www.ti.com
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs VCC
Current Share Amplifier Transconductance vs VCC
Figure 3.
Figure 4.
RSO Sink Current Limit vs VCC
RSO Source Current Limit vs VCC
Figure 5.
Figure 6.
RSO Buffer Input Offset Voltage vs VCC
RSO VOL vs VCC
Figure 7.
Figure 8.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5080


Número de pieza similar - LM5080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
LM5080MM NSC-LM5080MM Datasheet
1Mb / 13P
   Modular Current Sharing Controller
LM5080MMX NSC-LM5080MMX Datasheet
1Mb / 13P
   Modular Current Sharing Controller
More results

Descripción similar - LM5080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com