Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC02DT Datasheet(PDF) 10 Page - Texas Instruments |
|
|
SN74HC02DT Datasheet(HTML) 10 Page - Texas Instruments |
10 / 29 page VIN VOUT Copyright © 2016, Texas Instruments Incorporated 10 SN54HC02, SN74HC02 SCLS076F – DECEMBER 1982 – REVISED APRIL 2015 www.ti.com Product Folder Links: SN54HC02 SN74HC02 Submit Documentation Feedback Copyright © 1982–2015, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The SNX4HC02 is a low-drive CMOS device that can be used for a multitude of NOR type functions. The device can produce 4 mA of drive current at 5 V, making it Ideal for driving multiple outputs and good for low-noise applications. This application is for using a single SNX4HC02 as a falling edge detector circuit. The edge detector operates by using the inherent propagation delay from input to output of each device stage. In steady-state, the inputs to the output stage will always be different, and thus the output will always be low. Only during the brief time when both inputs are low (that is, immediately following a falling edge on VIN), the output will be high. 9.2 Typical Application Figure 4. Falling Edge Detector Schematic 9.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so routing and load conditions must be considered to prevent ringing. The output pulse time will be approximately three times tpd from Switching Characteristics for the selected VCC, device, and temperature range. 9.2.2 Detailed Design Procedure 1. Recommended Input Conditions – For rise time and fall time specifications, see Δt/ΔV in Recommended Operating Conditions. – For specified high and low levels, see VIH and VIL in Recommended Operating Conditions. – Inputs are not overvoltage tolerant, allowing them to go as high as VCC. 2. Recommend Output Conditions – Load currents must not exceed 20 mA per output and 50 mA total for the part. – Outputs must not be pulled above VCC. |
Número de pieza similar - SN74HC02DT |
|
Descripción similar - SN74HC02DT |