Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD500H-48 Datasheet(PDF) 2 Page - Astrodyne Corporation

No. de pieza SD500H-48
Descripción Electrónicos  500W Single Output DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD500H-48 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SD500H-48 Datasheet HTML 1Page - Astrodyne Corporation SD500H-48 Datasheet HTML 2Page - Astrodyne Corporation SD500H-48 Datasheet HTML 3Page - Astrodyne Corporation SD500H-48 Datasheet HTML 4Page - Astrodyne Corporation SD500H-48 Datasheet HTML 5Page - Astrodyne Corporation SD500H-48 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
500W Single Output DC-DC Converter
SD500 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 3)
SD500L-xx: 19~72Volts(DC)
SD500H-xx: 72~144Volts(DC)
Inrush Current, typ:
60Amps (DC)
Input Current FL, typ:
SD500L-xx:
24.2Amps/ 19 Volts(DC)
24.8Amps/ 24 Volts(DC)
12Amps/ 48 Volts(DC)
SD500H-xx:
8Amps/ 72 Volts(DC)
6Amps/ 96 Volts(DC)
Input Current NL, typ:
SD500L-xx:
0.2Amps/ 48 Volts(DC)
SD500H-xx
0.1Amps/ 96 Volts(DC)
Min Load
See Selection Chart
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
±0.5%
Voltage Tolerance (Note 2) ±1.0%
Ripple/Noise (Note 1)
150mVpk-pk max.
Setup, Rise Time
500ms, 50m @ FL
Over Voltage Protection
See Selection Chart
Shut down o/p voltage, re-power
Over Current Protection
105 ~ 125% rated output power
Constant current limiting, shutdown o/p
voltage, re-power
Over Temperature
80°C±5°C TSW1 detect on heatsink of power transistor
80°C±5(L-48V,H-24V,H-48V), 85°C±5(L-24V)
90°C±5(L-12V), 95°C±5 (H-12V)
TSW2 : detect on heatsink of o/p diode. Shutdown o/p
voltage auto recov after cool down
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
IEC60950-1 CB approved by TUV
Insulation Resistance
≥ 100MΩ / 500Volts(DC) / 25°C / 70% RH
EMI
Compliance to EN55022B (CISPR22B)
Remote Control
Please refer to function manual
Output OK Signal
Open collector signal low when PSU turns
on, max. sink current : 10 mAmps
Efficiency
See Selection Chart
Isolation
2000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS (Note 4)
Compliance to EN61000-4-2, 3, 4, 6, 8
ENV50204, light Industry Level, Criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +60°C (See Derate Curve)
Relative Humidity
20~90% RH non cond
Storage Temperature
-40°C to +85°C, 10~95% RH
Temperature Coefficient
±0.02% / °C (0-50°C)
MTBF
196.3 KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
(Millimeters / Inches)
215 x 115 x 50 / 8.46” x 4.53 ” x 1.97 ”
Weight
20.46 oz (580g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. Derating may be needed under low input voltages. Please check the
derating curve for more details.
4. The Power Supply is considered a component which will be installed
into final equipment, The final equipment must be re-confirmed that it still
passes EMC directives
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Número de pieza similar - SD500H-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
SD500H-48 ASTRODYNE-SD500H-48 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
More results

Descripción similar - SD500H-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com