Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SN74F32DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. SN74F32DR
Descripción  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F32DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F32DR Hoja de datos HTML 1Page - Texas Instruments SN74F32DR Hoja de datos HTML 2Page - Texas Instruments SN74F32DR Hoja de datos HTML 3Page - Texas Instruments SN74F32DR Hoja de datos HTML 4Page - Texas Instruments SN74F32DR Hoja de datos HTML 5Page - Texas Instruments SN74F32DR Hoja de datos HTML 6Page - Texas Instruments SN74F32DR Hoja de datos HTML 7Page - Texas Instruments SN74F32DR Hoja de datos HTML 8Page - Texas Instruments SN74F32DR Hoja de datos HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54F32, SN74F32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SDFS044B – MARCH 1987 – REVISED MAY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54F32
SN74F32
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
Y
2.2
3.8
5.6
2.2
7.5
2.2
6.6
ns
tPHL
A or B
Y
2.2
3.6
5.3
1.7
7.5
2.2
6.3
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn