Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM77 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM77
Descripción Electrónicos  9-Bit Sign Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM77 Datasheet(HTML) 1 Page - Texas Instruments

  LM77_15 Datasheet HTML 1Page - Texas Instruments LM77_15 Datasheet HTML 2Page - Texas Instruments LM77_15 Datasheet HTML 3Page - Texas Instruments LM77_15 Datasheet HTML 4Page - Texas Instruments LM77_15 Datasheet HTML 5Page - Texas Instruments LM77_15 Datasheet HTML 6Page - Texas Instruments LM77_15 Datasheet HTML 7Page - Texas Instruments LM77_15 Datasheet HTML 8Page - Texas Instruments LM77_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
LM77 9-Bit + Sign Digital Temperature Sensor and Thermal Window Comparator with
Two-Wire Interface
Check for Samples: LM77
1
FEATURES
DESCRIPTION
The LM77 is a digital temperature sensor and thermal
2
Window Comparison Simplifies Design of
window comparator with an I2C Serial Bus interface.
ACPI Compatible Temperature Monitoring and
The window-comparator architecture of the LM77
Control.
eases the design of temperature control systems
Serial Bus Interface
conforming to the ACPI (Advanced Configuration and
Power
Interface)
specification
for
personal
Separate Open-Drain Outputs for Interrupt and
computers. The open-drain Interrupt (INT) output
Critical Temperature Shutdown
becomes active whenever temperature goes outside
Shutdown Mode to Minimize Power
a programmable window, while a separate Critical
Consumption
Temperature Alarm (T_CRIT_A) output becomes
Up to 4 LM77s Can be Connected to a Single
active
when
the
temperature
exceeds
a
Bus
programmable critical limit. The INT output can
operate in either a comparator or event mode, while
9-bit + Sign Output; Full-Scale Reading of Over
the T_CRIT_A output operates in comparator mode
128°C
only.
SOIC and VSSOP 8-lead Packages
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
APPLICATIONS
Programmable hysterisis as well as a fault queue are
System Thermal Management
available to minimize false tripping. Two pins (A0, A1)
are available for address selection. The sensor
Personal Computers
powers up with default thresholds of 2°C THYST, 10°C
Office Electronics
TLOW, 64°C THIGH, and 80°C T_CRIT.
Electronic Test Equipment
The LM77's 3.0V to 5.5V supply voltage range, Serial
Automotive
Bus interface, 9-bit + sign output, and full-scale range
HVAC
of over 128°C make it ideal for a wide range of
applications. These include thermal management and
KEY SPECIFICATIONS
protection
applications
in
personal
computers,
electronic
test
equipment,
office
electronics,
Supply Voltage 3.0V to 5.5V
automotive, and HVAC applications.
Supply Current
Operating
250
μA (typ)
500
μA (max)
Shutdown
5
μA (typ)
Temperature Accuracy
−10°C to 65°C, ±1.5°C(max)
−25°C to 100°C, ±2°C(max)
−55°C to 125°C, ±3°C(max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM77_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results

Descripción similar - LM77_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com