Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM117KSTEEL Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM117KSTEEL
Descripción Electrónicos  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KSTEEL Datasheet(HTML) 5 Page - Texas Instruments

  LM117KSTEEL Datasheet HTML 1Page - Texas Instruments LM117KSTEEL Datasheet HTML 2Page - Texas Instruments LM117KSTEEL Datasheet HTML 3Page - Texas Instruments LM117KSTEEL Datasheet HTML 4Page - Texas Instruments LM117KSTEEL Datasheet HTML 5Page - Texas Instruments LM117KSTEEL Datasheet HTML 6Page - Texas Instruments LM117KSTEEL Datasheet HTML 7Page - Texas Instruments LM117KSTEEL Datasheet HTML 8Page - Texas Instruments LM117KSTEEL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power dissipation
Internally Limited
Input-output voltage differential
−0.3
40
V
Metal package (soldering, 10 seconds)
300
°C
Lead temperature
Plastic package (soldering, 4 seconds)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7.2 ESD Ratings
VALUE
UNIT
Electrostatic
V(ESD)
Human-body model (HBM)(1)
±3000
V
discharge
(1)
Manufacturing with less than 500-V HBM is possible with the necessary precautions. Pins listed as ±3000 V may actually have higher
performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating temperature (LM117)
−55
150
°C
Operating temperature (LM317-N)
0
125
°C
7.4 Thermal Information, LM117
LM117
NDS
NDT
THERMAL METRIC(1)
UNIT
(TO-3)
(TO)
2 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance(2)
39
186
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
2
21
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
No heatsink.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM117 LM317-N


Número de pieza similar - LM117KSTEEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM117KSTEEL NSC-LM117KSTEEL Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM117KSTEEL TI1-LM117KSTEEL Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117KSTEEL TI1-LM117KSTEEL Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117KSTEEL TI-LM117KSTEEL Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM117KSTEEL/NOPB TI1-LM117KSTEEL/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results

Descripción similar - LM117KSTEEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com