Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM614IWM Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM614IWM
Descripción Electrónicos  Quad Operational Amplifier and Adjustable Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM614IWM Datasheet(HTML) 3 Page - Texas Instruments

  LM614IWM Datasheet HTML 1Page - Texas Instruments LM614IWM Datasheet HTML 2Page - Texas Instruments LM614IWM Datasheet HTML 3Page - Texas Instruments LM614IWM Datasheet HTML 4Page - Texas Instruments LM614IWM Datasheet HTML 5Page - Texas Instruments LM614IWM Datasheet HTML 6Page - Texas Instruments LM614IWM Datasheet HTML 7Page - Texas Instruments LM614IWM Datasheet HTML 8Page - Texas Instruments LM614IWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM614
www.ti.com
SNOSC21C – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics (continued)
These specifications apply for V
= GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100μA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for TJ = 25°C; limits in Boldface type apply over the Operating
Temperature Range.
Symbol
Parameter
Conditions
Typ(1)
LM614I
Units
LM614C
Limits(2)
IOS1
Average Offset
4
pA/°C
ΔT
Drift Current
RIN
Input Resistance
Differential
1800
M
Ω
Common-Mode
3800
M
Ω
CIN
Input Capacitance
Common-Mode Input
5.7
pF
en
Voltage Noise
f = 100 Hz, Input Referred
74
nV/
√Hz
In
Current Noise
f = 100 Hz, Input Referred
58
fA/
√Hz
CMRR
Common-Mode
V + = 30V, 0V
≤ VCM ≤ (V
+ − 1.8V),
95
75
dB min
Rejection Ratio
CMRR = 20 log (
ΔVCM/ΔVOS)
90
70
dB min
PSRR
Power Supply
4V
≤ V+ ≤ 30V, VCM = V
+/2,
110
75
dB min
Rejection Ratio
PSRR = 20 log (
ΔV+/ΔVOS)
100
70
dB min
A V
Open Loop
R L = 10 kΩ to GND, V
+ = 30V,
500
94
V/mV
Voltage Gain
5V
≤ VOUT ≤ 25V
50
40
min
SR
Slew Rate
V + = 30V(3)
±0.70
±0.50
V/
μs
±0.65
±0.45
GBW
Gain Bandwidth
C L = 50 pF
0.8
MHz
0.52
MHz
VO1
Output Voltage
R L = 10 kΩ to GND
V +
− 1.4
V +
− 1.8
V min
Swing High
V + = 36V (32V for LM614C)
V+
− 1.6
V+
− 1.9
V min
VO2
Output Voltage
R L = 10 kΩ to V
+
V + 0.8
V + 0.95
V max
Swing Low
V + = 36V (32V for LM614C)
V+ 0.9
V+ 1.0
V max
IOUT
Output Source
V OUT = 2.5V, V+IN = 0V,
25
16
mA min
V −IN = −0.3V
15
13
mA min
I SINK
Output Sink
V OUT = 1.6V, V+IN = 0V,
17
13
mA min
Current
V −IN = 0.3V
9
8
mA min
ISHORT
Short Circuit Current
V OUT = 0V, V+IN = 3V,
30
50
mA max
V −IN = 2V, Source
40
60
mA max
V OUT = 5V, V+IN = 2V,
30
70
mA max
V −IN = 3V, Sink
32
90
mA max
VOLTAGE REFERENCE
VR
Voltage Reference
See (4)
1.244
1.2191
V min
1.2689
V max
(±2.0%)
ΔVR
Average Temperature Drift
See (5)
10
150
PPM/°C
ΔT
max
ΔVR
Hysteresis
See (6)
3.2
μV/°C
ΔTJ
V R Change
V R(100 μA) − VR(17 μA)
0.05
1
mV max
with Current
0.1
1.1
mV max
ΔVR
ΔIR
VR(10 mA) − VR(100 μA)
(7)
1.5
5
mV max
2.0
5.5
mV max
(3)
Slew rate is measured with op amp in a voltage follower configuration. For rising slew rate, the input voltage is driven from 5V to 25V,
and the output voltage transition is sampled at 10V and @20V. For falling slew rate, the input voltage is driven from 25V to 5V, and the
output voltage transition is sampled at 20V and 10V.
(4)
VR is the Cathode-feedback voltage, nominally 1.244V.
(5)
Average reference drift is calculated from the measurement of the reference voltage at 25°C and at the temperature extremes. The drift,
in ppm/°C, is 106
ΔV R/(VR[25°C] •ΔTJ), where ΔV R is the lowest value subtracted from the highest, VR[25°C] is the value at 25°C, and ΔTJ
is the temperature range. This parameter is ensured by design and sample testing.
(6)
Hysteresis is the change in VR caused by a change in TJ, after the reference has been “dehysterized”. To dehysterize the reference; that
is minimize the hysteresis to the typical value, cycle its junction temperature in the following pattern, spiraling in toward 25°C: 25°C,
85°C,
−40°C, 70°C, 0°C, 25°C.
(7)
Low contact resistance is required for accurate measurement.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM614


Número de pieza similar - LM614IWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM614IWM NSC-LM614IWM Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM614IWMNOPB NSC-LM614IWMNOPB Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM614IWMXNOPB NSC-LM614IWMXNOPB Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
More results

Descripción similar - LM614IWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
   Quad Operational Amplifier and Adjustable Reference
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM611 NSC-LM611 Datasheet
735Kb / 17P
   Operational Amplifier and Adjustable Reference
logo
Texas Instruments
LM611IMX TI1-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
LM611IMX TI-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
January 2003
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com