Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM614IWM Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM614IWM
Descripción Electrónicos  Quad Operational Amplifier and Adjustable Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM614IWM Datasheet(HTML) 1 Page - Texas Instruments

  LM614IWM Datasheet HTML 1Page - Texas Instruments LM614IWM Datasheet HTML 2Page - Texas Instruments LM614IWM Datasheet HTML 3Page - Texas Instruments LM614IWM Datasheet HTML 4Page - Texas Instruments LM614IWM Datasheet HTML 5Page - Texas Instruments LM614IWM Datasheet HTML 6Page - Texas Instruments LM614IWM Datasheet HTML 7Page - Texas Instruments LM614IWM Datasheet HTML 8Page - Texas Instruments LM614IWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM614
www.ti.com
SNOSC21C – MAY 1998 – REVISED MARCH 2013
LM614 Quad Operational Amplifier and Adjustable Reference
Check for Samples: LM614
1
FEATURES
DESCRIPTION
The
LM614
consists
of
four
op-amps
and
a
23
Op Amp
programmable voltage reference in a 16-pin package.
Low Operating Current: 450
μA
The op-amp out-performs most single-supply op-
Wide Supply Voltage Range: 4V to 36V
amps by providing higher speed and bandwidth along
with low supply current. This device was specifically
Wide Common-Mode Range:
V to (V+
− 1.8V)
designed to lower cost and board space requirements
Wide Differential Input Voltage:
±36V
in transducer, test, measurement and data acquisition
Reference
systems.
Adjustable Output Voltage:
1.2V to 5.0V
Combining a stable voltage reference with four wide
Initial Tolerance:
±2.0%
output swing op-amps makes the LM614 ideal for
single supply transducers, signal conditioning and
Wide Operating Current Range:
17
μA to
bridge driving where large common-mode-signals are
20mA
common. The voltage reference consists of a reliable
Tolerant of Load Capacitance
band-gap design that maintains low dynamic output
impedance (1
Ω typical), initial tolerance (2.0%), and
APPLICATIONS
the ability to be programmed from 1.2V to 5.0V via
two external resistors. The voltage reference is very
Transducer Bridge Driver and Signal
stable even when driving large capacitive loads, as
Processing
are commonly encountered in CMOS data acquisition
Process and Mass Flow Control Systems
systems.
Power Supply Voltage Monitor
As a member of TI's new Super-Block™ family, the
Buffered Voltage References for A/D's
LM614 is a space-saving monolithic alternative to a
multichip solution, offering a high level of integration
without sacrificing performance.
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Super-Block is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM614IWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM614IWM NSC-LM614IWM Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM614IWMNOPB NSC-LM614IWMNOPB Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM614IWMXNOPB NSC-LM614IWMXNOPB Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
More results

Descripción similar - LM614IWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
   Quad Operational Amplifier and Adjustable Reference
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM611 NSC-LM611 Datasheet
735Kb / 17P
   Operational Amplifier and Adjustable Reference
logo
Texas Instruments
LM611IMX TI1-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
LM611IMX TI-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
January 2003
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com