Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G125DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74LVC1G125DBVRG4
Descripción Electrónicos  SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G125DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC1G125DBVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G125DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G125
SCES223T – APRIL 1999 – REVISED OCTOBER 2014
SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
1 Features
3 Description
This bus buffer gate is designed for 1.65-V to 5.5-V
1
Available in the Ultra Small 0.64-mm2
VCC operation.
Package (DPW) With 0.5-mm Pitch
The SN74LVC1G125 device is a single line driver
Supports 5-V VCC Operation
with a 3-state output. The output is disabled when the
Inputs Accept Voltages to 5.5 V
output-enable (OE) input is high.
Provides Down Translation to VCC
The CMOS device has high output drive while
Max tpd of 3.7 ns at 3.3 V
maintaining low static power dissipation over a broad
Low Power Consumption, 10-
μA Max ICC
VCC operating range.
±24-mA Output Drive at 3.3 V
The SN74LVC1G125 device is available in a variety
Ioff Supports Live Insertion, Partial-Power-Down
of packages including the ultra-small DPW package
Mode, and Back-Drive Protection
with a body size of 0.8 mm × 0.8 mm.
Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
SOT-23 (5)
2.90 mm × 1.60 mm
2000-V Human-Body Model (A114-A)
SC70 (5)
2.00 mm × 1.25 mm
200-V Machine Model (A115-A)
SN74LVC1G125
SON (6)
1.45 mm × 1.00 mm
1000-V Charged-Device Model (C101)
DSBGA (5)
1.40 mm × 0.90 mm
X2SON (4)
0.80 mm × 0.80 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Cable Modem Termination System
the end of the data sheet.
High-Speed Data Acquisition and Generation
Military: Radar and Sonar
Motor Control: High-Voltage
Power Line Communication Modem
SSD: Internal or External
Video Broadcasting and Infrastructure:
Scalable Platform
Video Broadcasting: IP-Based Multi-Format
Transcoder
Video Communications System
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - 74LVC1G125DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1G125DBVRG4 TI-74LVC1G125DBVRG4 Datasheet
630Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRG4 TI-74LVC1G125DBVRG4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRG4 TI-74LVC1G125DBVRG4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRG4 TI1-74LVC1G125DBVRG4 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Descripción similar - 74LVC1G125DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1_V01 Datasheet
1,019Kb / 23P
[Old version datasheet]   SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com