Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM95071 Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. LM95071
Descripción  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

LM95071 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS
SC
SO
CS
SC
SO
t5
t5
CS
SC
SO
t3
t2
t4
t1
t4
tr
tf
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = 2.4V to 5.5V
(1); C
L (load capacitance) on output lines = 100 pF
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless
otherwise noted.
Test
Unit
Symbol
Parameter
Typical(2)
Limits(3)
Conditions
(Limit)
t1
SC (Clock) Period
0.16
µs (min)
DC
(max)
t2
CS Low to SC (Clock) High Set-Up Time
100
ns (min)
t3
CS Low to Data Out (SO) Delay
70
ns (max)
t4
SC (Clock) Low to Data Out (SO) Delay
70
ns (max)
t5
CS High to Data Out (SO) TRI-STATE
200
ns (max)
t6
SC (Clock) High to Data In (SI) Hold Time
50
ns (min)
t7
Data In (SI) Set-Up Time to SC (Clock) High
30
ns (min)
t8
SC (Clock) High to CS High Hold Time
50
ns (min)
(1)
The LM95071/LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
Figure 2. Data Output Timing Diagram
Figure 3. TRI-STATE Data Output Timing Diagram
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn