Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM95071 Datasheet(PDF) 8 Page - Texas Instruments

No. de Pieza. LM95071
Descripción  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

LM95071 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LM95071/LM95071-Q1 temperature sensor incorporates a temperature sensor and 13-bit-plus-sign
ΔΣ ADC
(Delta-Sigma Analog-to-Digital Converter). Compatibility of the LM95071/LM95071-Q1's three-wire serial
interface with SPI and MICROWIRE allows simple communications with common microcontrollers and
processors.
Shutdown
mode
can
be
used
to
optimize
current
drain
for
different
applications.
A
Manufacturer/Device ID register identifies the LM95071/LM95071-Q1 as a Texas Instruments product.
POWER UP AND POWER DOWN
The LM95071/LM95071-Q1 always powers up in a known state and in the continuous conversion mode.
Immediately after power up, the LM95071/LM95071-Q1 will output an erroneous code until the first temperature
conversion has completed.
When the supply voltage is less than about 1.6V (typical), the LM95071/LM95071-Q1 is considered powered
down. As the supply voltage rises above the nominal 1.6V power up threshold, the internal registers are reset to
the power up default state described above.
SERIAL BUS INTERFACE
The LM95071/LM95071-Q1 operates as a slave and is compatible with SPI or MICROWIRE bus specifications.
Data is clocked out on the falling edge of the serial clock (SC), while data is clocked in on the rising edge of SC.
A complete communication is framed by falling and rising chip select (CS) signal. The CS signal should be held
high for at least one clock cycle (160 ns minimum) between communications. The transmit-only communication
(register read) consists of 16 clock cycles. A complete transmit/receive communication will consist of 32 serial
clocks (see SERIAL BUS TIMING DIAGRAMS). The first 16 clocks comprise the transmit phase of
communication, while the second 16 clocks are the receive phase.
When CS is high SI/O will be in TRI-STATE. Communication should be initiated by taking chip select (CS) low.
This should not be done when SC is changing from a low to high state. Once CS is low the serial I/O pin (SI/O)
will transmit the first bit of data. The master can then read this bit with the rising edge of SC. The remainder of
the data will be clocked out by the falling edge of SC. CS can be taken high at any time during the transmit
phase. If CS is brought low in the middle of a conversion the LM95071/LM95071-Q1 will complete the conversion
and the output shift register will be updated after CS is brought back high.
The receive phase of a communication starts after 16 SC periods. CS can remain low for 32 SC cycles. The
LM95071/LM95071-Q1 will read the data available on the SI/O line on the rising edge of the serial clock. Input
data is to an 8-bit shift register. The part will detect the last eight bits shifted into the register. The receive phase
can last up to 16 SC periods. All ones must be shifted in order to place the part into shutdown. All zeros must be
shifted in order to place the LM95071/LM95071-Q1 into continuous conversion mode. Only the following codes
should be transmitted to the LM95071/LM95071-Q1:
00 hex for continuous conversion
FF hex for shutdown
Another code may place the part into a test mode. Test modes are used by Texas Instruments to thoroughly test
the function of the LM95071/LM95071-Q1 during production testing. Only eight bits have been defined above
since only the last eight transmitted are detected by the LM95071/LM95071-Q1, before CS is taken HIGH.
The following communication can be used to determine the Manufacturer's/Device ID and then immediately place
the part into continuous conversion mode. With CS continuously low:
Read 16 bits of temperature data
Write 16 bits of data commanding shutdown
Read 16 bits of Manufacture's/Device ID data
Write 8 to 16 bits of data commanding Conversion Mode
Take CS HIGH.
Note that 228 ms (max) will have to pass for a conversion to complete before the LM95071/LM95071-Q1 actually
transmits temperature data.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn