Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM96063 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM96063
Descripción Electrónicos  Remote Diode Digital Temperature Sensor with Integrated Fan Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM96063 Datasheet(HTML) 4 Page - Texas Instruments

  LM96063_14 Datasheet HTML 1Page - Texas Instruments LM96063_14 Datasheet HTML 2Page - Texas Instruments LM96063_14 Datasheet HTML 3Page - Texas Instruments LM96063_14 Datasheet HTML 4Page - Texas Instruments LM96063_14 Datasheet HTML 5Page - Texas Instruments LM96063_14 Datasheet HTML 6Page - Texas Instruments LM96063_14 Datasheet HTML 7Page - Texas Instruments LM96063_14 Datasheet HTML 8Page - Texas Instruments LM96063_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage, VDD
−0.3 V to 6.0 V
Voltage on SMBDAT, SMBCLK,
ALERT,
TCRIT, TACH
PWM Pins
−0.5 V to 6.0 V
Voltage on Other Pins
−0.3 V to (VDD + 0. 3 V)
Input Current, D
− Pin(3)
±1 mA
Input Current at All Other Pins (3)
5 mA
Package Input Current
(3)
30 mA
SMBDAT, ALERT, PWM pins
Output Sink Current
10 mA
Package Power Dissipation
(4)
Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
ESD Susceptibility(5)
Human Body Model
2500 V
Machine Model
250 V
Charged Device Model
1000 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure performance limits. For ensured specifications and test conditions, see the Electrical
Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
(3)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > V+), the current at that pin should be limited to
5 mA. Parasitic components and/or ESD protection circuitry are shown below for the LM96063's pins. Care should be taken not to
forward bias the parasitic diode, D2, present on pins D+ and D
−. Doing so by more than 50 mV may corrupt temperature
measurements.
(4)
Thermal resistance junction to ambient when attached to a 2 layer 4"x3" printed circuit board with copper thickness of 2oz. as described
in JEDEC specification EIA/JESD51-3 is 137°C/W. Thermal resistance junction to ambient when attached to a 4 layer 4"x3" printed
circuit board with copper thickness 2oz./1oz./1oz/2oz. and 4 thermal vias as described in JEDEC specification EIA/JESD51-7 is
40.3°C/W.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
Device Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
Operating Ratings
(1) (2) (3) (4)
Specified Temperature Range
TMIN ≤ TA ≤ TMAX
LM96063CISD
–40°C
≤ TA ≤ +85°C
Remote Diode Temperature Range
-40°C
≤ TD ≤ +140°C
Supply Voltage Range (VDD)
+3.0 V to +3.6 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure performance limits. For ensured specifications and test conditions, see the Electrical
Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
(3)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(4)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063


Número de pieza similar - LM96063_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM96063C TI1-LM96063C Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results

Descripción similar - LM96063_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
   짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
[Old version datasheet]   The LM63 is a remote diode temperature sensor with integrated fan control.
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
   짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com