Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM96163 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM96163
Descripción Electrónicos  Remote Diode Digital Temperature Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM96163 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM96163 Datasheet HTML 5Page - Texas Instruments LM96163 Datasheet HTML 6Page - Texas Instruments LM96163 Datasheet HTML 7Page - Texas Instruments LM96163 Datasheet HTML 8Page - Texas Instruments LM96163 Datasheet HTML 9Page - Texas Instruments LM96163 Datasheet HTML 10Page - Texas Instruments LM96163 Datasheet HTML 11Page - Texas Instruments LM96163 Datasheet HTML 12Page - Texas Instruments LM96163 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
0.01
0.1
1.0
10
100
CONVERSION RATE (Hz)
200
500
800
1100
1400
1700
2000
2300
2600
LM96163
www.ti.com
SNAS433D – JUNE 2008 – REVISED MAY 2013
Typical Performance Characteristics
Intel Processor on 45nm, 65nm, or 90 nm Process
Remote Temperature Reading Sensitivity to Thermal
Thermal Diode Performance Comparison
Diode Filter Capacitance, TruTherm Enabled
Figure 3.
Figure 4.
Remote Temperature Reading Sensitivity to Thermal
Thermal Diode Capacitor or PCB Leakage Current Effect
Diode Filter Capacitance, TruTherm Disabled
on Remote Diode Temperature Reading
Figure 5.
Figure 6.
Conversion Rate Effect on
Average Power Supply Current
Figure 7.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM96163


Número de pieza similar - LM96163

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
LM96163C NSC-LM96163C Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
More results

Descripción similar - LM96163

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
[Old version datasheet]   Remote Diode Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
[Old version datasheet]   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com