Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6118 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM6118
Descripción Electrónicos  Fast Settling Dual Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6118 Datasheet(HTML) 3 Page - Texas Instruments

  LM6118 Datasheet HTML 1Page - Texas Instruments LM6118 Datasheet HTML 2Page - Texas Instruments LM6118 Datasheet HTML 3Page - Texas Instruments LM6118 Datasheet HTML 4Page - Texas Instruments LM6118 Datasheet HTML 5Page - Texas Instruments LM6118 Datasheet HTML 6Page - Texas Instruments LM6118 Datasheet HTML 7Page - Texas Instruments LM6118 Datasheet HTML 8Page - Texas Instruments LM6118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage
42V
Input Voltage
(Note 2)
Differential Input Current (Note 3)
±10 mA
Output Current (Note 4)
Internally Limited
Power Dissipation (Note 5)
500 mW
ESD Tolerance
(C = 100 pF, R = 1.5 k
Ω)
±2kV
Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
300˚C
Operating Temp. Range
LM6118
−55˚C to +125˚C
LM6218
−40˚C to +85˚C
Electrical Characteristics
±5V
≤ V
S ±20V, VCM = 0V, VOUT = 0V, IOUT = 0A, unless otherwise specified. Limits with standard type face are for TJ =
25˚C, and Bold Face Type are for Temperature Extremes.
Typ
LM6118
LM6218
Parameter
Conditions
25˚C
Limits
Limits
Units
(Note 6)
(Note 6)
Input Offset Voltage
V
S = ±15V
0.2
1
3
mV (max)
24
Input Offset Voltage
V− + 3V
≤ V
CM ≤ V+ − 3.5V
0.3
1.5
3.5
mV (max)
2.5
4.5
Input Offset Current
V− + 3V
≤ V
CM ≤ V+ − 3.5V
20
50
100
nA (max)
250
200
Input Bias Current
V− + 3V
≤ V
CM ≤ V+ − 3.5V
200
350
500
nA (max)
950
1250
Input Common Mode
V− + 3V
≤ V
CM ≤ V+ − 3.5V
100
90
80
dB (min)
Rejection Ratio
V
S = ±20V
85
75
Positive Power Supply
V− = −15V
100
90
80
dB (min)
Rejection Ratio
5V
≤ V+ ≤ 20V
85
75
Negative Power Supply
V+ = 15V
100
90
80
dB (min)
Rejection Ratio
−20V
≤ V− ≤ −5V
85
75
Large Signal
V
out = ±15V
R
L = 10k
500
150
100
V/mV (min)
Voltage Gain
V
S = ±20V
100
70
V
out = ±10V
R
L = 500
200
50
40
V/mV (min)
V
S = ±15V
(±20 mA)
30
25
V
O Output Voltage
Supply = ±20V
R
L = 10k
17.3
±17
±17
V (min)
Swing
Total Supply Current
V
S = ±15V
5.5
7
7
mA (max)
7.5
7.5
Output Current Limit
V
S = ±15V, Pulsed
65
100
100
mA (max)
Slew Rate, Av = −1
V
S = ±15V, Vout = ±10V
140
100
100
V/µs (min)
R
S =Rf = 2k, Cf =10 pF
50
50
Slew Rate, Av = +1
V
S = ±15V, Vout = ±10V
75
50
50
V/µs (min)
R
S =Rf = 2k, Cf =10 pF
30
30
Gain-Bandwidth Product
V
S = ±15V, fo = 200 kHz
17
14
13
MHz (min)
0.01% Settling Time
∆V
out = 10V, VS = ±15V,
400
ns
A
V =−1
R
S =Rf = 2k, Cf =10 pF
Input Capacitance
Inverter
5
pF
Follower
3
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: Input voltage range is (V+ − 1V) to (V).
Note 3: The inputs are shunted with three series-connected diodes back-to-back for input differential clamping. Therefore differential input voltages greater than
about 1.8V will cause excessive current to flow unless limited to less than 10 mA.
www.national.com
2


Número de pieza similar - LM6118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6118 NSC-LM6118 Datasheet
836Kb / 13P
   Fast Settling Dual Operational Amplifiers
LM6118N NSC-LM6118N Datasheet
836Kb / 13P
   Fast Settling Dual Operational Amplifiers
More results

Descripción similar - LM6118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6118 NSC-LM6118 Datasheet
836Kb / 13P
   Fast Settling Dual Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
   FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Intersil Corporation
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
   150MHz, Fast Settling Operational Amplifiers
September 1998
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com