Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6142AIM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM6142AIM
Descripción Electrónicos  17 MHz Rail-to-Rail Input-Output Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6142AIM Datasheet(HTML) 3 Page - Texas Instruments

  LM6142AIM Datasheet HTML 1Page - Texas Instruments LM6142AIM Datasheet HTML 2Page - Texas Instruments LM6142AIM Datasheet HTML 3Page - Texas Instruments LM6142AIM Datasheet HTML 4Page - Texas Instruments LM6142AIM Datasheet HTML 5Page - Texas Instruments LM6142AIM Datasheet HTML 6Page - Texas Instruments LM6142AIM Datasheet HTML 7Page - Texas Instruments LM6142AIM Datasheet HTML 8Page - Texas Instruments LM6142AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM6142, LM6144
www.ti.com
SNOS726D – JUNE 2000 – REVISED MARCH 2013
5.0V DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ(2)
LM6144AI
LM6144BI
Units
LM6142AI
LM6142BI
Limit(3)
Limit(3)
IOS
Input Offset Current
3
30
30
nA
80
80
max
RIN
Input Resistance, CM
126
M
Ω
CMRR
Common Mode
0V
≤ VCM ≤ 4V
107
84
84
Rejection Ratio
78
78
0V
≤ VCM ≤ 5V
82
66
66
dB
min
79
64
64
PSRR
Power Supply
5V
≤ V+ ≤ 24V
87
80
80
Rejection Ratio
78
78
VCM
Input Common-Mode
−0.25
0
0
V
Voltage Range
5.25
5.0
5.0
AV
Large Signal
RL = 10k
270
100
80
V/mV
Voltage Gain
70
33
25
min
VO
Output Swing
RL = 100k
0.005
0.01
0.01
V
0.013
0.013
max
4.995
4.98
4.98
V
4.93
4.93
min
RL = 10k
0.02
V max
4.97
V min
RL = 2k
0.06
0.1
0.1
V
0.133
0.133
max
4.90
4.86
4.86
V
4.80
4.80
min
ISC
Output Short
Sourcing
13
10
8
mA
Circuit Current
4.9
4
min
LM6142
35
35
mA
max
Sinking
24
10
10
mA
5.3
5.3
min
35
35
mA
max
ISC
Output Short
Sourcing
8
6
6
mA
Circuit Current
3
3
min
LM6144
35
35
mA
max
Sinking
22
8
8
mA
4
4
min
35
35
mA
max
IS
Supply Current
Per Amplifier
650
800
800
μA
880
880
max
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6142 LM6144


Número de pieza similar - LM6142AIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6142AIM NSC-LM6142AIM Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
More results

Descripción similar - LM6142AIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
National Semiconductor ...
LM6142 NSC-LM6142 Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Texas Instruments
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com