Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6142BIM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM6142BIM
Descripción Electrónicos  17 MHz Rail-to-Rail Input-Output Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6142BIM Datasheet(HTML) 2 Page - Texas Instruments

  LM6142BIM Datasheet HTML 1Page - Texas Instruments LM6142BIM Datasheet HTML 2Page - Texas Instruments LM6142BIM Datasheet HTML 3Page - Texas Instruments LM6142BIM Datasheet HTML 4Page - Texas Instruments LM6142BIM Datasheet HTML 5Page - Texas Instruments LM6142BIM Datasheet HTML 6Page - Texas Instruments LM6142BIM Datasheet HTML 7Page - Texas Instruments LM6142BIM Datasheet HTML 8Page - Texas Instruments LM6142BIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM6142, LM6144
SNOS726D – JUNE 2000 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
2500V
Differential Input Voltage
15V
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Supply Voltage (V+
− V)
35V
Current at Input Pin
±10mA
Current at Output Pin(4)
±25mA
Current at Power Supply Pin
50mA
Lead Temperature (soldering, 10 sec)
260°C
Storage Temp. Range
−65°C to +150°C
Junction Temperature(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
1.8V
≤ V+ ≤ 24V
Temperature Range LM6142, LM6144
−40°C ≤ TA ≤ +85°C
Thermal Resistance (
θJA)
P Package, 8-Pin PDIP
115°C/W
D Package, 8-Pin SOIC
193°C/W
NFF Package, 14-Pin PDIP
81°C/W
D Package, 14-Pin SOIC
126°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
5.0V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ(2)
LM6144AI
LM6144BI
Units
LM6142AI
LM6142BI
Limit(3)
Limit(3)
VOS
Input Offset Voltage
0.3
1.0
2.5
mV
2.2
3.3
max
TCVOS
Input Offset Voltage
3
μV/°C
Average Drift
IB
Input Bias Current
170
250
300
nA
max
0V
≤ VCM ≤ 5V
180
280
526
526
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of the internal self heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM6142 LM6144


Número de pieza similar - LM6142BIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6142BIM NSC-LM6142BIM Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
More results

Descripción similar - LM6142BIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
National Semiconductor ...
LM6142 NSC-LM6142 Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Texas Instruments
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com